Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2240 Datasheet(PDF) 95 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 95 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 91Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 92Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 93Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 94Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 95Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 96Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 97Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 98Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 99Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 147 page
background image
Rev. 1.10
9� of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
Register Description
This section provides a description of all the registers associated with I/O setup and control. The
following table gives a summary of all associated I/O registers, which will be described in detail later.
I/O Register List
Register
Name
Bit
7
6
5
4
3
2
1
0
P0WAKE
P07WU
P06WU
P0�WU
P04WU
P0�WU
P0�WU
P01WU
P00WU
P0
P0.7
P0.6
P0.�
P0.4
P0.�
P0.�
P0.1
P0.0
P0M0
P0M0.7
P0M0.6
P0M0.�
P0M0.4
P0M0.�
P0M0.�
P0M0.1
P0M0.0
P0M1
P0M1.7
P0M1.6
P0M1.�
P0M1.4
P0M1.�
P0M1.�
P0M1.1
P0M1.0
P1
—
—
—
P1.4
P1.�
P1.�
P1.1
P1.0
P1M0
—
—
—
P1M0.4
P1M0.�
P1M0.�
P1M0.1
P1M0.0
P1M1
—
—
—
P1M1.4
P1M1.�
P1M1.�
P1M1.1
P1M1.0
P�
P�.7
P�.6
P�.�
P�.4
P�.�
P�.�
P�.1
P�.0
P�M0
P�M0.7
P�M0.6
P�M0.�
P�M0.4
P�M0.�
P�M0.�
P�M0.1
P�M0.0
P�M1
P�M1.7
P�M1.6
P�M1.�
P�M1.4
P�M1.�
P�M1.�
P�M1.1
P�M1.0
SRCR
—
—
—
—
SRCR.�
SRCR.�
SRCR.1
SRCR.0
Each Port has its own data register, known as P0, P1 and P3, which are used to control the input
and output I/O pin data. These registers read input pin data or write output pin data on the selected
I/O pin. For I/O pins setup as outputs a write operation to these registers will setup either a high or
low level on the corresponding pin. For I/O pins setup as inputs a read operation to these registers
will read the actual logic level on the corresponding pin.
P0 Register
SFR Address: 80h
Bit
7
6
5
4
3
2
1
0
Name
P0.7
P0.6
P0.�
P0.4
P0.�
P0.�
P0.1
P0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
P1 Register
SFR Address: 90h
Bit
7
6
5
4
3
2
1
0
Name
P1.7
P1.6
P1.�
P1.4
P1.�
P1.�
P1.1
P1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com