Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2240 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 7Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 8Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 9Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 10Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 11Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 12Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 13Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 14Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 147 page
background image
Rev. 1.10
11 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
1 Features
CPU Features
■
Operating Voltage:
● fSYS=8MHz: 2.2V~5.5V
● fSYS=12MHz: 2.7V~5.5V
● fSYS=16MHz: 3.3V~5.5V
● fSYS=24MHz: 4.5V~5.5V
■
High performance 1-T architecture 8051 core
■
Up to 24MIPS with 24MHz system clock at VDD=5V
■
Flexible Power-down and wake-up functions to reduce power consumption
■
Oscillator types:
● External high frequency crystal – HXT
● Internal high frequency RC – HIRC
● Internal low frequency RC – LIRC
■
Multi-mode operation: Normal, Idle and Power-Down Modes
■
Fully integrated internal 12/16/20MHz oscillator requires no external components
■
8051 compatible instruction set
■
Dual 16-bit data pointers with addition arithmetic operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com