Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2240 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 10Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 11Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 12Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 13Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 14Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 15Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 16Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 17Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 147 page
background image
Rev. 1.10
14 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
3 Selection Table
Most features are common to all devices, the main feature distinguishing them are Program
Memory capacity, I/O count and package types. The following table summarises the main features
of each device.
Part No.
VDD
Program
Memory
Data
Memory I/O
Ext.
Interrupt
A/D
Temp.
Sensor
16-bit
Timer
16-bit
PCA
Time
Base
Package
HT8�F���0
�.�V~
�.�V
�K×8
���×8
17
�
1�-bit
×9
√
�
CCU�
1
�0
SOP/SSOP
HT8�F��40
�.�V~
�.�V
4K×8
���×8
�1
�
1�-bit
×9
√
�
CCU�
1
�0/�4
SOP/SSOP
Note: CCU stands for Compare/Capt�re Unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com