Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2240 Datasheet(PDF) 74 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 74 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 70Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 71Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 72Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 73Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 74Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 75Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 76Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 77Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 78Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 147 page
background image
Rev. 1.10
74 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
LVRCR Register Software Reset
An LVRCR software reset will be generated when a value other than “01010101”, “00110011”,
“10011001” and “10101010”, exist in the LVRCR register. The LRF bit in the RSTSRC register
will be set high when this occurs, thus indicating the generation of a LVRCR software reset. The
LVRCR register value will be rest to a value of 00110011B after any reset other than the LVR reset,
and will remain unchanged after an LVR reset.
LVRCR Register
SFR Address: EAh
Bit
7
6
5
4
3
2
1
0
Name
LVS7
LVS6
LVS�
LVS4
LVS�
LVS�
LVS1
LVS0
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
POR
0
0
1
1
0
0
1
1
Bit 7 ~ 0
LVS7 ~ LVS0: LVR Voltage Select control
01010101: 2.1V
00110011: 2.55V (default)
10011001: 3.15V
10101010: 4.0V
Any other value: Generates MCU reset – register is reset to POR value
Reset Initial Conditions
The different types of reset described affect the reset flags in different ways. The following table
indicates the way in which the various components of the microcontroller are affected after a
power-on reset occurs.
Item
Condition After Reset
Program Co�nter
Reset to zero
Interr�pts
A�� interr�pts wi�� be disab�ed
WDT
C�ear after reset� WDT begins co�nting
Timer/Even Co�nters
Timer/Even Co�nters wi�� be t�rned off
Inp�t/O�tp�t Ports
I/O ports wi�� be set�p as a q�asi-bidirection str�ct�re
Stack Pointer
Set to 007H va��e
The different kinds of resets all affect the internal registers of the microcontroller in different ways.
To ensure reliable continuation of normal program execution after a reset occurs, it is important to
know what condition the microcontroller is in after a particular reset occurs. The following table
describes how each type of reset affects each of the microcontroller internal registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com