Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2240 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 15Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 16Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 17Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 18Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 19Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 20Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 21Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 22Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 147 page
background image
Rev. 1.10
19 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
7 Absolute Maximum Ratings
Supply Voltage ................................................................................................. VSS-0.3V to VDD+6.0V
Input Voltage ...................................................................................................VSS-0.3V to VDD+0.3V
Storage Temperature ...................................................................................................-50°C to 125°C
Operating Temperature ................................................................................................ -40°C to 85°C
IOLTotal ......................................................................................................................................150mA
IOH Total ................................................................................................................................... -100mA
Total Power Dissipation ...........................................................................................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute
Maximum Ratings” may cause substantial damage to the device. Functional operation of
this device at other conditions beyond those listed in the specification is not implied and
prolonged exposure to extreme conditions may affect device reliability.
8 D.C. Characteristics
Ta=��°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD1
Operating Vo�tage
(High Freq�enc� Interna� RC
OSC)
—
fOSC=fSYS=1�MHz
HFSCR[1:0]=00b
�.7
—
�.�
V
fOSC=fSYS=16MHz
HFSCR[1:0]=10b
�.�
—
�.�
fOSC=fSYS=�0MHz
HFSCR[1:0]=11b
4.�
—
�.�
VDD�
Operating Vo�tage
(Cr�sta� OSC)
—
fOSC=fSYS=8MHz
�.�
—
�.�
V
fOSC=fSYS=1�MHz
�.7
—
�.�
fOSC=fSYS=16MHz
�.�
—
�.�
fOSC=fSYS=�4MHz
4.�
—
�.�
IDD1
Operating C�rrent
(High Freq�enc� Interna� RC
OSC)
�V
No �oad� fOSC=fSYS=1�MHz�
ADC off� WDT enab�e
—
8
1�
mA
�V
—
16
��
�V
No �oad� fOSC=fSYS=16MHz�
ADC off� WDT enab�e
—
�0
�0
mA
�V
No �oad� fOSC=fSYS=�0MHz�
ADC off� WDT enab�e
—
�8
40
mA
IDD�
Operating C�rrent
(Cr�sta� OSC)
�V
No �oad� fOSC=fSYS=8MHz�
ADC off� WDT enab�e
—
6.0
8.�
mA
�V
—
1�.�
�0
�V
No �oad� fOSC=fSYS=1�MHz�
ADC off� WDT enab�e
—
8
1�
mA
�V
—
16
��
�V
No �oad� fOSC=fSYS=16MHz�
ADC off� WDT enab�e
—
�0
�0
mA
�V
No �oad� fOSC=fSYS=�4MHz�
ADC off� WDT enab�e
—
�8
40
mA
ISTB1
Stanb� C�rrent
(Power-Down Mode)
(HIRC off� HXT off)
�V
No �oad� A�� periphera�s off
—
—
1.�
μA
�V
—
—
�.�



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com