Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDSUSBF Datasheet(PDF) 19 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 19 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 15Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 16Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 17Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 18Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 19Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 20Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 21Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 22Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 23Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Specifications
All specifications are guaranteed unless noted otherwise. All specifications apply to all models unless noted otherwise.
Model overview
DPO70404C,
MSO70404C
DPO70604C,
MSO70604C
DPO70804C,
MSO70804C
DPO71254C,
MSO71254C
DPO71604C,
MSO71604C
DPO72004C,
MSO72004C
DPO72304DX,
MSO72304DX
DPO72504DX,
MSO72504DX
DPO73304DX,
MSO73304DX
Analog channels
4
4
4
4
4
4
4
4
4
Digital channels
(MSO70000 Series
only)
16
16
16
16
16
16
16
16
16
Analog bandwidth
(user-selectable DSP
enhance) (–3 dB)
4 GHz
6 GHz
8 GHz
12.5 GHz
16 GHz
20 GHz
23 GHz (2 Ch)
23 GHz (4 Ch)
25 GHz (2 Ch)
23 GHz (4 Ch)
33 GHz (2 Ch)
23 GHz (4 Ch)
Hardware Analog
Bandwidth (-3 dB)
4 GHz
6 GHz
8 GHz
12.5 GHz
16 GHz
(typical)
16 GHz
(typical)
23 GHz
25 GHz
33 GHz
Rise time (typical)
10% to 90%:
98 ps
20% to 80%:
68 ps
10% to 90%:
65 ps
20% to 80%:
45 ps
10% to 90%:
49 ps
20% to 80%:
34 ps
10% to 90%:
32 ps
20% to 80%:
22 ps
10% to 90%:
24.5 ps
20% to 80%:
17 ps
10% to 90%:
18 ps
20% to 80%:
14 ps
10% to 90%:
17 ps
20% to 80%:
13 ps
10% to 90%:
16 ps
20% to 80%:
12 ps
10% to 90%:
13 ps
20% to 80%:
9 ps
Sample rate (1, 2 ch)
(maximum sample rate
is 50 GS/s on digital
channels routed to an
analog channel through
the iCapture™ analog
mux)
25 GS/s
25 GS/s
25 GS/s
100 GS/s
100 GS/s
100 GS/s
100 GS/s
100 GS/s
100 GS/s
Sample rate (3, 4 ch)
25 GS/s
25 GS/s
25 GS/s
50 GS/s
50 GS/s
50 GS/s
50 GS/s
50 GS/s
50 GS/s
Sample rate (ET/IT
mode)
5 TS/s
5 TS/s
5 TS/s
10 TS/s
10 TS/s
10 TS/s
10 TS/s
10 TS/s
10 TS/s
Record length, points
(each channel,
standard)
31.25 M
62.5 M
(MSO70000
Series)
31.25 M
62.5 M
(MSO70000
Series)
31.25 M
62.5 M
(MSO70000
Series)
31.25 M
62.5 M
(MSO70000
Series)
31.25 M
62.5 M
(MSO70000
Series)
31.25 M
62.5 M
(MSO70000
Series)
31.25 M
62.5 M
(MSO70000
Series)
31.25 M
62.5 M
(MSO70000
Series)
31.25 M
62.5 M
(MSO70000
Series)
Record length (each
channel, Opt. 5XL,
DPO70000 series)
62.5 M
62.5 M
62.5 M
62.5 M
62.5 M
62.5 M
62.5 M
62.5 M
62.5 M
Record length (each
channel, Opt. 10XL)
125 M
125 M
125 M
125 M
125 M
125 M
125 M
125 M
125 M
Record length (each
channel, Opt. 20XL)
N/A
N/A
N/A
250 M
250 M
250 M
250 M
250 M
250 M
Record length (each
channel, Opt. 50XL)
N/A
N/A
N/A
N/A
N/A
N/A
500 M each
channel, 1G on
2 channels
500 M each
channel, 1G on
2 channels
500 M each
channel, 1 G on
2 channels
Timing resolution
40 ps
(25 GS/s)
40 ps
(25 GS/s)
40 ps
(25 GS/s)
10 ps
(100 GS/s)
10 ps
(100 GS/s)
10 ps
(100 GS/s)
10 ps
(100 GS/s)
10 ps
(100 GS/s)
10 ps
(100 GS/s)
Duration at highest
sample rate (standard)
1.25 ms
2.5 ms
(MSO70000
Series)
1.25 ms
2.5 ms
(MSO70000
Series)
1.25 ms
2.5 ms
(MSO70000
Series)
0.31 ms
0.61 ms
(MSO70000
Series)
0.31 ms
0.61 ms
(MSO70000
Series)
0.31 ms
0.61 ms
(MSO70000
Series)
0.31 ms
0.61 ms
(MSO70000
Series)
0.31 ms
0.61 ms
(MSO70000
Series)
0.31 ms
0.61 ms
(MSO70000
Series)
Duration at highest
sample rate (Opt. 5XL,
DPO70000 series)
2.5 ms
2.5 ms
2.5 ms
0.63 ms
0.63 ms
0.63 ms
0.63 ms
0.63 ms
0.63 ms
Duration at highest
sample rate (Opt. 10XL)
5.0 ms
5.0 ms
5.0 ms
1.3 ms
1.3 ms
1.3 ms
1.3 ms
1.3 ms
1.3 ms
Digital and Mixed Signal Oscilloscopes – MSO/DPO70000 Series
www.tek.com 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com