Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDSUSBF Datasheet(PDF) 23 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 23 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 19Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 20Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 21Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 22Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 23Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 24Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 25Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 26Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 27Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Roll mode
Scrolls sequential waveform points across the display in a right-to-left rolling motion. Works at sample rates up to 10 MS/s with a
maximum record length of 40 MS. TekConnect channels only, standalone configuration only
Waveform database
Accumulates waveform data providing a three-dimensional array of amplitude, time, and counts. TekConnect channels only,
standalone configuration only
Acquisition system – Digital channels
Maximum sample rate (all
channels)
12.5 GS/s
Timing resolution
80 ps
Channel-to-Channel timing
uncertainty
<160 ps
Minimum detectable pulse width
<400 ps
Maximum number of buses
16
Number of channels per bus
Up to 24 (16 logic, 4 analog, 4 math)
Pinpoint® trigger system
Trigger sensitivity
Internal DC coupled
4% of full scale from DC to 50 MHz
10% of full scale at 4 GHz
20% of full scale at 8 GHz
50% of full scale at 11 GHz
Aux input 50 Ω (external
trigger)
250 mV from DC to 50 MHz, increasing to 350 mV at 1.0 GHz
A event and delayed B event
trigger types
Edge, glitch, width, runt, timeout, transition time, logic pattern, logic state, setup/hold, window - all except edge, pattern, and state
can be logic state qualified by up to two channels
Main trigger modes
Auto, Normal, and Single
Trigger sequences
Main, Delayed by Time, Delayed by Events, Reset by Time, Reset by State, Reset by Transition. All sequences can include a
separate horizontal delay after the trigger event to position the acquisition window in time
Trigger coupling
DC, AC (attenuates <100 Hz)
HF Rej (attenuates >20 kHz)
LF Rej (attenuates <200 kHz)
Noise Reject (reduces sensitivity)
RF coupling (increases trigger sensitivity and bandwidth at the highest operating frequencies)
Trigger holdoff range
250 ns min to 12 s max
Trigger level range
Any channel
±120% of full scale from center of screen
Auxiliary input
±5 V
Line
0 V, not settable
Digital and Mixed Signal Oscilloscopes – MSO/DPO70000 Series
Acquisition system - Analog channels
www.tek.com 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com