Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDSUSBF Datasheet(PDF) 22 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 22 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 18Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 19Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 20Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 21Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 22Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 23Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 24Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 25Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 26Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Vertical system – Digital channels
Digital bandwidth
With P6780 logic probe
2.5 GHz
With P6750 or P6717A logic
probe
1 GHz
Input resistance selection
With P6780 logic probe
20 kΩ to ground per side or 40 kΩ differential mode ± 2.0%, 0.5 pF
With P6750 or P6717A logic
probe
20 kΩ ± 1.0%, 3 pF
Trigger clock/qualifier input
1
Vertical resolution
1 bit
Thresholds
One per channel, independently set
Threshold accuracy
±75 mV + 3% of threshold setting
Threshold resolution
5 mV
Threshold voltage range
With P6780 logic probe
–2 to +4.5 V
With P6750 or P6717A logic
probe
–1.5 to +4.0 V
Minimum voltage swing
300 mVp-p
Maximum input voltage
±15 V nondestruct
Horizontal system
Channel-to-Channel deskew range ±75 ns
Time base accuracy
±1.5 ppm initial accuracy, aging <1 ppm per year
Time base delay time range
–5.0 ks to 1.0 ks
Trigger jitter
<100 fsRMS (1 psRMS [typical] with enhanced triggering off)
Acquisition system - Analog channels
Acquisition modes
Sample
Acquires and displays sampled values
Average
From 2 to 10,000 waveforms can be included in an average waveform
Envelope
From 1 to 2×109 waveforms included in min-max envelope
Hi-Res
Real-time boxcar averaging reduces random noise and increases resolution
Peak detect
Capture and display narrow glitches at all real-time sampling rates. Glitch widths: 1 ns at ≤125 MS/s; 1/sample rate at ≥250 MS/s
FastAcq®
FastAcq® optimizes the instrument for analysis of dynamic signals and capture of infrequent events, capturing >300,000 wfms/s on
all TekConnect channels simultaneously, standalone configuration only
FastFrame™
Acquisition memory divided into segments; maximum trigger rate >310,000 waveforms per second. Time of arrival recorded with
each event. Frame finder tool helps to visually identify transients. TekConnect channels only, standalone configuration only
Datasheet
22 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com