Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDSUSBF Datasheet(PDF) 30 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 30 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 26Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 27Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 28Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 29Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 30Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 31Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 32Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 33Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 34Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Video out port
Connect to show the oscilloscope display, including live waveforms on an external monitor or projector. The primary Windows®
desktop can also be displayed on an external monitor using these ports.
Alternatively, the ports can be configured to show the secondary Windows® desktop (also called extended desktop or dual-monitor
display)
Both VGA and DVI-D connectors.
Serial port
Rear panel. Two DB-9 COM1 ports
Time base reference out
BNC connector; provides TTL-compatible output of internal 10 MHz reference oscillator
Physical characteristics
Dimensions
mm
in.
Height
298
11.74
Width
451
17.75
Depth
489.97
19.29
Rackmount dimensions
mm
in.
Height
311
12.25
Width
480.1
18.9
Depth (from rack mounting ear to back of
instrument)
546.1
21.5
Weight
kg
lb.
Net
24
53
Shipping
34
67
Rackmount weight
kg
lb.
Net
22
59
Kit
2.7
6
Cooling – Required clearance
mm
in.
Top
0
0
Bottom
0
0
Left Side
76
3
Right Side
76
3
Front
0
0
Rear
0
0
Datasheet
Input/Output ports
30 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com