Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDSUSBF Datasheet(PDF) 31 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 31 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 27Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 28Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 29Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 30Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 31Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 32Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 33Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 34Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 35Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Environmental
Temperature
Operating
5 °C to +45 °C
Nonoperating
–20 °C to +60 °C
Humidity
Operating
8% to 80% relative humidity (RH) at up to 32 °C Above +32 °C up to +45 °C; as limited by a 29.4 °C wet bulb temperature
Nonoperating
5% to 95% relative humidity (RH) Above +32 °C up to +60 °C; as limited by a 29.4 °C wet bulb temperature
Altitude
Operating
3,000 m (9,843 ft.)
Nonoperating
12,000 m (39,370 ft.)
Regulatory
Electromagnetic compatibility 2004/108/EC; EN 61326-2-1:2006
Certifications
UL 61010-1, CSA 61010-1-04, LVD 2006/95/EC, EN61010-1, IEC 61010-1
Digital and Mixed Signal Oscilloscopes – MSO/DPO70000 Series
www.tek.com 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com