Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3235MODASM2MON Datasheet(PDF) 33 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 29Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 30Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 31Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 32Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 33Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 34Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 35Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 36Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
33
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Terminal Configuration and Functions
Copyright © 2019, Texas Instruments Incorporated
Table 4-3. Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
PIN
NO.
PIN
TYPE
SIGNAL
DIRECTION
DESCRIPTION
UART
UART1_TX
3
I/O
O
UART TX data
7
I/O
O
12
I/O
O
46
I/O
O
48
I/O
O
UART1 TX data
UART1_RX
4
I/O
I
UART RX data
8
I/O
I
18
I/O
I
47
I/O
I
UART1 RX data
49
I/O
I
UART1_RTS
44
I/O
O
UART1 request-to-send (active low)
52
I/O
O
UART1_CTS
51
I/O
I
UART1 clear-to-send (active low)
UART0_TX
9
I/O
O
UART0 TX data
42
I/O
O
46
I/O
O
52
I/O
O
UART0_RX
10
I/O
I
UART0 RX data
47
I/O
I
UART0 RX data
UART0_CTS
44
I/O
I
UART0 clear-to-send input (active low)
51
UART0_RTS
44
I/O
O
UART0 request-to-send (active low)
51
I/O
O
52
I/O
O
Sense-On-
Power
SOP2
23(5)
O
I
Sense-on-power 2
SOP1
24
I
I
Configuration sense-on-power 1
SOP0
34
I
I
Configuration sense-on-power 0
(1) LPDS retention unavailable.
(2) The CC3235MODAx modules are compatible with TI BLE modules using an external RF switch.
(3) Future support.
(4) This pins is not accessible on the CC3235MODAx devices as it is directly tied to the integrated antenna.
(5) This pin has dual functions: as a SOP[2] (device operation mode), and as an external TCXO enable. As a TXCO enable, the pin is an
output on power up and driven logic high. During hibernate low-power mode, the pin is in a Hi-Z state but is pulled down for SOP mode
to disable TCXO. Because of the SOP functionality, the pin must be used as an output only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com