Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3235MODASM2MON Datasheet(PDF) 59 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 59 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 55Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 56Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 57Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 58Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 59Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 60Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 61Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 62Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
2 µs
2 µs
2 µs
2 µs
2 µs
2 µs
2 µs
2 µs
2 µs
2 µs
Repeats Every 16 µs
ADC CLOCK
= 10 MHz
Sampling
4 cycles
SAR Conversion
16 cycles
Sampling
4 cycles
SAR Conversion
16 cycles
Sampling
4 cycles
SAR Conversion
16 cycles
Sampling
4 cycles
SAR Conversion
16 cycles
EXT CHANNEL 0
INTERNAL CHANNEL
EXT CHANNEL 1
INTERNAL CHANNEL
Internal Ch
59
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.19.5.6 ADC
Table 5-22 lists the ADC electrical specifications. See CC32xx ADC Appnote for further information on
using the ADC and for application-specific examples.
Figure 5-15. ADC Clock Timing Diagram
Figure 5-15 shows the ADC clock timing diagram.
Table 5-22. ADC Electrical Specifications
PARAMETER
DESCRIPTION
TEST CONDITIONS /
ASSUMPTIONS
MIN
TYP
MAX
UNIT
Nbits
Number of bits
12
Bits
INL
Integral nonlinearity
Worst-case deviation from
histogram method over full scale
(not including first and last three
LSB levels)
–2.5
2.5
LSB
DNL
Differential nonlinearity
Worst-case deviation of any step
from ideal
–1
4
LSB
Input range
0
1.4
V
Driving source
impedance
100
Ω
FCLK
Clock rate
Successive approximation input
clock rate
10
MHz
Input capacitance
12
pF
Input impedance
ADC Pin 57
2.15
kΩ
ADC Pin 58
0.7
ADC Pin 59
2.12
ADC Pin 60
1.17
Number of channels
4
Fsample
Sampling rate of each pin
62.5
KSPS
F_input_max
Maximum input signal frequency
31
kHz
SINAD
Signal-to-noise and distortion
Input frequency DC to 300 Hz
and 1.4 Vpp sine wave input
55
60
dB
I_active
Active supply current
Average for analog-to-digital
during conversion without
reference current
1.5
mA
I_PD
Power-down supply current for
core supply
Total for analog-to-digital when
not active (this must be the SoC
level test)
1
µA
Absolute offset error
FCLK = 10 MHz
±2
mV
Gain error
±2%
Vref
ADC reference voltage
1.467
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com