Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3235MODASM2MON Datasheet(PDF) 97 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 97 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 92Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 93Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 94Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 95Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 96Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 97Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 98Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 99Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 100Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
www.ti.com
PACKAGE OUTLINE
C
PICK & PLACE
NOZZLE AREA
2.40
2.03
0.88
0.72
2X 12.7
2X
19.05
PADS 1-16
& 28-43
30X 1.27
54X
0.81
0.08
9X
2 0.05
1.5
2.224
6X 3
6X 3
20X 1.27
11.769
4.321
19.038
PADS 17-27
& 44-54
19.61 0.1
16.74 0.1
A
25.25
24.75
B
20.75
20.25
(0.326) TYP
QFM - 2.4 mm max height
MON0063A
QUAD FLAT MODULE
4223415/C 06/2019
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 ID
X1)
(45
PIN 1 ID
1
16
17
27
28
43
44
54
55
57
58
60
63
61
0.15
C A B
0.05
C
56
59
62
15
2
PKG
PKG
29
42
SCALE 0.600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com