Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3235MODASM2MON Datasheet(PDF) 60 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 56Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 57Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 58Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 59Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 60Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 61Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 62Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 63Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
pCLK
pVS, pHS
pDATA
T3
T2
T4
T6
T7
60
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.19.5.7 Camera Parallel Port
The fast camera parallel port interfaces with a variety of external image sensors, stores the image data in
a FIFO, and generates DMA requests. The camera parallel port supports 8 bits.
Figure 5-16 shows the timing diagram for the camera parallel port.
Figure 5-16. Camera Parallel Port Timing Diagram
Table 5-23 lists the timing parameters for the camera parallel port.
Table 5-23. Camera Parallel Port Timing Parameters
ITEM
NAME
DESCRIPTION
MIN
MAX
UNIT
pCLK
Clock frequency
2
MHz
T2
Tclk
Clock period
1/pCLK
ns
T3
tLP
Clock low period
Tclk/2
ns
T4
tHT
Clock high period
Tclk/2
ns
T6
tIS
RX data setup time
2
ns
T7
tIH
RX data hold time
2
ns
5.19.5.8 UART
The CC3235MODAx MCU includes two UARTs with the following features:
•
Programmable baud-rate generator allowing speeds up to 3 Mbps
•
Separate 16-bit × 8-bit TX and RX FIFOs to reduce CPU interrupt service loading
•
Programmable FIFO length, including a 1-byte-deep operation providing conventional double-buffered
interface
•
FIFO trigger levels of 1/8, 1/4, 1/2, 3/4, and 7/8
•
Standard asynchronous communication bits for start, stop, and parity
•
Generation and detection of line-breaks
•
Fully programmable serial interface characteristics:
–
5, 6, 7, or 8 data bits
–
Generation and detection of even, odd, stick, or no-parity bits
–
Generation of 1 or 2 stop-bits
•
RTS and CTS hardware flow support
•
Standard FIFO-level and End-of-Transmission interrupts
•
Efficient transfers using µDMA:
–
Separate channels for transmit and receive
–
Receive single request asserted when data is in the FIFO; burst request asserted at programmed
FIFO level
–
Transmit single request asserted when there is space in the FIFO; burst request asserted at
programmed FIFO level
•
System clock is used to generate the baud clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com