Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3235MODASM2MON Datasheet(PDF) 46 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 42Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 43Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 44Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 45Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 46Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 47Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 48Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 49Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
46
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
TI recommends using the lowest possible drive strength that is adequate for the applications. This recommendation minimizes the risk of
interference to the WLAN radio and reduces any potential degradation of RF sensitivity and performance. The default drive strength
setting is 6 mA.
5.11 GPIO Pins 25, 26, 42, and 44 (25°C)
(1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
CIN
Pin capacitance
7
pF
VIH
High-level input voltage
0.65 × VDD
VDD + 0.5 V
V
VIL
Low-level input voltage
–0.5
0.35 × VDD
V
IIH
High-level input current
50
nA
IIL
Low-level input current
50
nA
VOH
High-level output voltage
IL = 2 mA; configured I/O drive
strength = 2 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.8
V
IL = 4 mA; configured I/O drive
strength = 4 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.7
IL = 6 mA; configured I/O drive
strength = 6 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.7
IL = 2 mA; configured I/O drive
strength = 2 mA;
2.3 V
≤ VDD < 2.4 V
VDD × 0.75
VOL
Low-level output voltage
IL = 2 mA; configured I/O drive
strength = 2 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.2
V
IL = 4 mA; configured I/O drive
strength = 4 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.2
IL = 6 mA; configured I/O drive
strength = 6 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.2
IL = 2 mA; configured I/O drive
strength = 2 mA;
2.3 V
≤ VDD < 2.4 V
VDD × 0.25
IOH
High-level source
current, VOH = 2.4
2-mA drive
1.5
mA
4-mA drive
2.5
6-mA drive
3.5
IOL
Low-level sink
current,
2-mA drive
1.5
mA
4-mA drive
2.5
6-mA drive
3.5
VIL
nRESET
0.6
V
5.12 Pin Internal Pullup and Pulldown (25°C)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
IOH
Pullup current
(VDD = 3.0 V)
10
µA
IOL
Pulldown current
(VDD = 3.0 V)
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com