Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3235MODASM2MON Datasheet(PDF) 74 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 74 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 70Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 71Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 72Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 73Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 74Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 75Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 76Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 77Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
74
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
6.10 Restoring Factory Default Configuration
The module has an internal recovery mechanism that rolls back the file system to its predefined factory
image or restoring the factory default parameters of the device. The factory image is kept in a separate
sector on the sFLASH in a secure manner and cannot be accessed from the host processor. The following
restore modes are supported:
•
None—no factory restore settings
•
Enable restore of factory default parameters
•
Enable restore of factory image and factory default parameters
The restore process is performed by calling software APIs, or by pulling or forcing SOP[2:0] = 011 pins
and toggling the nRESET pin from low to high.
The process is fail-safe and resumes operation if a power failure occurs before the restore is finished. The
restore process typically takes about 8 seconds, depending on the attributes of the serial Flash vendor.
6.11 Boot Modes
6.11.1 Boot Mode List
The CC3235MODAx MCU implements a sense-on-power (SoP) scheme to determine the device operation
mode.
SoP values are sensed from the module pin during power up. This encoding determines the boot flow.
Before the device is taken out of reset, the SoP values are copied to a register and used to determine the
device operation mode while powering up. These values determine the boot flow as well as the default
mapping for some of the pins (JTAG, SWD, UART0). Table 6-5 lists the pull configurations.
All CC3235MODAx MCUs contain internal pull down resistors on the SOP[2:0] lines. The application can
use SOP2 for other functions after chip has powered up. However, to avoid spurious SOP values from
being sensed at power up, TI strongly recommends using the SOP2 pin only for output signals. The SOP0
and SOP1 pins are multiplexed with the WLAN analog test pins and are not available for other functions.
Table 6-5. CC3235MODAx Functional Configurations
NAME
SOP[2]
SOP[1]
SOP[0]
SoP MODE
COMMENT
UARTLOAD
Pullup
Pulldown
Pulldown
LDfrUART
Factory, lab Flash, and SRAM loads
through the UART. The device waits
indefinitely for the UART to load code.
The SOP bits then must be toggled to
configure the device in functional mode.
Also puts JTAG in 4-wire mode.
FUNCTIONAL_2WJ
Pulldown
Pulldown
Pullup
Fn2WJ
Functional development mode. In this
mode, 2-pin SWD is available to the
developer. TMS and TCK are available
for debugger connection.
FUNCTIONAL_4WJ
Pulldown
Pulldown
Pulldown
Fn4WJ
Functional development mode. In this
mode, 4-pin JTAG is available to the
developer. TDI, TMS, TCK, and TDO are
available for debugger connection. The
default configuration for CC3235MODAx
MCUs.
UARTLOAD_FUNCTIONAL_4WJ
Pulldown
Pullup
Pulldown
LDfrUART_FnWJ
Supports Flash and SRAM load through
UART and functional mode. The MCU
bootloader tries to detect a UART break
on UART receive line. If the break signal
is present, the device enters the
UARTLOAD mode, otherwise, the device
enters the functional mode. TDI, TMS,
TCK, and TDO are available for
debugger connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com