Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3235MODASM2MON Datasheet(PDF) 78 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 78 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 74Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 75Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 76Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 77Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 78Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 79Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 80Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 81Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 100 page
background image
78
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Applications, Implementation, and Layout
Copyright © 2019, Texas Instruments Incorporated
6.16 End Product Labeling
These modules are designed to comply with the FCC single modular FCC grant, FCC ID: Z64-
CC3235MOD (In Process). The host system using this module must display a visible label indicating the
following text:
Contains FCC ID: Z64-CC3235MOD
These modules are designed to comply with the IC single modular FCC grant, IC: 451I-CC3235MOD (In
Process). The host system using this module must display a visible label indicating the following text:
Contains IC: 451I-CC3235MOD
This module is designed to comply with the JP statement, 201-190033 (In Process). The host system
using this module must display a visible label indicating the following text:
Contains transmitter module with certificate number: 201-190033 (In Process)
6.17 Manual Information to the End User
The OEM integrator must be aware not to provide information to the end user regarding how to install or
remove this RF module in the user’s manual of the end product which integrates this module.
The end user manual must include all required regulatory information and warnings as shown in this
manual.
7
Applications, Implementation, and Layout
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
7.1
Typical Application
7.1.1
BLE/2.4 GHz Radio Coexistence
The CC3235MODAx device is designed to support BLE/2.4 GHz radio coexistence. Because WLAN is
inherently more tolerant to time-domain disturbances, the coexistence mechanism gives priority to the
Bluetooth® low energy entity over the WLAN. Bluetooth® low energy operates in the 2.4 GHz band,
therefore the coexistence mechanism does not affect the 5 GHz band. The CC3235MODAx device can
operate normally on the 5 GHz band, while the Bluetooth® low energy works on the 2.4 GHz band without
mutual interference.
The following coexistence modes can be configured by the user:
•
Off mode or intrinsic mode
–
No BLE/2.4 GHz radio coexistence, or no synchronization between WLAN and Bluetooth® low
energy—in case Bluetooth® low energy exists in this mode, collisions can randomly occur.
•
Time Division Multiplexing (TDM, Dual Antenna)
–
Dual-band Wi-Fi (see Figure 7-1)
In this mode, the WLAN can operate on either a 2.4 or 5 GHz band and Bluetooth® low energy
operates on the 2.4 GHz band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com