Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3235MODASM2MON Datasheet(PDF) 12 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 8Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 9Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 10Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 11Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 12Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 13Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 14Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 15Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
12
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Terminal Configuration and Functions
Copyright © 2019, Texas Instruments Incorporated
4.2
Pin Attributes and Pin Multiplexing
The module makes extensive use of pin multiplexing to accommodate the large number of peripheral
functions in the smallest possible package. To achieve this configuration, pin multiplexing is controlled
using a combination of hardware configuration (at module reset) and register control.
The board and software designers are responsible for the proper pin multiplexing configuration. Hardware
does not ensure that the proper pin multiplexing options are selected for the peripherals or interface mode
used. Table 4-2 and Table 4-2 describes the general pin attributes and presents an overview of pin
multiplexing. All pin multiplexing options are configurable using the pin MUX registers. The following
special considerations apply:
•
All I/Os support drive strengths of 2, 4, and 6 mA. Drive strength is individually configurable for each
pin.
•
All I/Os support 10-μA pullup and pulldown resistors.
•
By default, all I/Os float in the Hibernate state. However, the default state can be changed by SW.
•
All digital I/Os are non fail-safe.
NOTE
If an external device drives a positive voltage to the signal pads and the CC3235MODAx
module is not powered, DC is drawn from the other device. If the drive strength of the
external device is adequate, an unintentional wakeup and boot of the CC3235MODAx
module can occur. To prevent current draw, TI recommends any one of the following
conditions:
•
All devices interfaced to the CC3235MODAx module must be powered from the same
power rail as the chip.
•
Use level shifters between the device and any external devices fed from other
independent rails.
•
The nRESET pin of the CC3235MODAx module must be held low until the VBAT supply
to the module is driven and stable.
•
All GPIO pins default to high impedance unless programmed by the MCU. The
bootloader sets the TDI, TDO, TCK, TMS, and Flash_SPI pins to mode 1. All the other
pins are left in the Hi-Z state.
The ADC inputs are tolerant up to 1.8 V (see Table 5-22 for more details about the usable
range of the ADC). On the other hand, the digital pads can tolerate up to 3.6 V. Hence, take
care to prevent accidental damage to the ADC inputs. TI recommends first disabling the
output buffers of the digital I/Os corresponding to the desired ADC channel (that is,
converted to Hi-Z state), and thereafter disabling the respective pass switches (S7 [Pin 47],
S8 [Pin 48], S9 [Pin 49], and S10 [Pin 50]). For more information, see Table 4-4.
Table 4-1 lists the pin descriptions of the CC3235MODAx module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com