Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3235MODASM2MON Datasheet(PDF) 75 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 75 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 71Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 72Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 73Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 74Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 75Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 76Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 77Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 78Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
75
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
Table 6-5. CC3235MODAx Functional Configurations (continued)
NAME
SOP[2]
SOP[1]
SOP[0]
SoP MODE
COMMENT
RET_FACTORY_IMAGE
Pulldown
Pullup
Pullup
RetFactDef
When module reset is toggled, the MCU
bootloader kickstarts the procedure to
restore factory default images.
6.12 Hostless Mode
The SimpleLink™ Wi-Fi® CC3235MODAx devices incorporate a scripting ability that enables offloading of
simple tasks from the host processor. Using simple and conditional scripts, repetitive tasks can be
handled internally, which allows the host processor to remain in a low-power state. In some cases where
the scripter is being used to send packets, it reduces code footprint and memory consumption. The if-this-
then-that style conditioning can include anything from GPIO toggling to transmitting packets.
The conditional scripting abilities can be divided into conditions and actions. The conditions define when to
trigger actions. Only one action can be defined per condition, but multiple instances of the same condition
may be used, so in effect multiple actions can be defined for a single condition. In total, 16 condition and
action pairs can be defined. The conditions can be simple, or complex using sub-conditions (using a
combinatorial AND condition between them). The actions are divided into two types, those that can occur
during runtime and those that can occur only during the initialization phase.
The following actions can only be performed when triggered by the pre-initialization condition:
•
Set roles AP, station, P2P, and Tag modes
•
Delete all stored profiles
•
Set connection policy
•
Hardware GPIO indication allows an I/O to be driven directly from the WLAN core hardware to indicate
internal signaling
The following actions may be activated during runtime:
•
Send transceiver packet
•
Send UDP packet
•
Send TCP packet
•
Increment counter increments one of the user counters by 1
•
Set counter allows setting a specific value to a counter
•
Timer control
•
Set GPIO allows GPIO output from the device using the internal networking core
•
Enter Hibernate state
NOTE
Consider the following limitations:
•
Timing cannot be ensured when using the network scripter because some variable
latency will apply depending on the utilization of the networking core.
•
The scripter is limited to 16 pairs of conditions and reactions.
•
Both timers and counters are limited to 8 instances each. Timers are limited to a
resolution of 1 second. Counters are 32 bits wide.
•
Packet length is limited to the size of one packet and the number of possible packet
tokens is limited to 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com