Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3235MODASM2MON Datasheet(PDF) 69 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 69 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 65Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 66Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 67Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 68Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 69Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 70Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 71Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 72Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
CC3235S and CC3235SF
Network Processor + MCU
Network Processor
Wi-Fi
®
Internet
Peripherals
OEM
Application
Serial Flash
Data Files
OEM
Application
Network Information
Dual-Band Radio
Baseband
MAC
HTTPS
TLS/SSL
TCP/IP
MCU
ARM
® Cortex®-M4
Processor
256KB RAM /
1MB Flash (CC3235SF)
SPI and I2C
GPIO
UART
PWM
ADC
-
Internet
69
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
Code and Data Security:
•
Network passwords and certificates are encrypted and signed
•
Cloning protection – Application and data files are encrypted by a unique key per device
•
Access control – Access to application and data files only by using a token provided in file creation
time. If an unauthorized access is detected, a tamper protection lockdown mechanism takes effect
•
Encrypted and authenticated file system
•
Secured boot – Authentication of the application image on every boot
•
Code and data encryption – User application and data files are encrypted in sFlash
•
Code and data authentication – User Application and data files are authenticated with a public key
certificate
•
Offloaded crypto library for asymmetric keys, including the ability to create key-pair, sign and verify
data buffer
•
Recovery mechanism
Device Security:
•
Separate execution environments – Application processor and network processor run on separate
Arm® cores
•
Initial secure programming – Allows for keeping the content confidential on the production line
•
Debug security
–
JTAG lock
–
Debug ports lock
•
True random number generator
Figure 6-2 shows the high-level structure of the CC3235S and CC3235SF devices that are contained
within the CC3235MODS and CC3235MODSF modules, respectively. The application image, user data,
and network information files (passwords, certificates) are encrypted using a device-specific key.
Figure 6-2. CC3235S and CC3235SF High-Level Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com