Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3235MODASM2MON Datasheet(PDF) 48 Page - Texas Instruments

Part # CC3235MODASM2MON
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MON Datasheet(HTML) 48 Page - Texas Instruments

Back Button CC3235MODASM2MON Datasheet HTML 44Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 45Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 46Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 47Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 48Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 49Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 50Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 51Page - Texas Instruments CC3235MODASM2MON Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
48
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.14 WLAN Receiver Characteristics
(1)
Sensitivity is 1-dB worse on channel 13 (2472 MHz).
(2)
Sensitivity for mixed mode is 1-dB worse.
Table 5-6. WLAN Receiver Characteristics: 2.4 GHz Band
TA = 25°C, VBAT = 2.3 V to 3.6 V. Parameters are measured at the SoC pin on channel 6 (2437 MHz).
PARAMETER
TEST CONDITIONS (Mbps)
MIN
TYP
MAX
UNIT
Sensitivity
(8% PER for 11b rates, 10% PER for
11g/11n rates)(1)
1 DSSS
–94.5
dBm
2 DSSS
–92.5
11 CCK
–86.5
6 OFDM
–89
9 OFDM
–88.5
18 OFDM
–85
36 OFDM
–79
54 OFDM
–73
MCS7 (GF)(2)
–70
Maximum input level
(10% PER)
802.11b
–2.5
dBm
802.11g
–8.5
(1)
Sensitivity for mixed mode is 1-dB worse.
Table 5-7. WLAN Receiver Characteristics: 5 GHz Band
TA = 25°C, VBAT = 2.3 V to 3.6 V.
PARAMETER
TEST CONDITIONS (Mbps)
MIN
TYP
MAX
UNIT
Sensitivity
(10% PER for 11g/11n rates)
6 OFDM
-89
dBm
9 OFDM
-88
18 OFDM
-85
36 OFDM
-78.5
54 OFDM
-72
MCS7 (GF)(1)
-68
Maximum input level
802.11a
-17
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com