Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3346CPTR Datasheet(PDF) 31 Page - Microchip Technology

Part # USB3346CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3346CPTR Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB3346CPTR Datasheet HTML 27Page - Microchip Technology USB3346CPTR Datasheet HTML 28Page - Microchip Technology USB3346CPTR Datasheet HTML 29Page - Microchip Technology USB3346CPTR Datasheet HTML 30Page - Microchip Technology USB3346CPTR Datasheet HTML 31Page - Microchip Technology USB3346CPTR Datasheet HTML 32Page - Microchip Technology USB3346CPTR Datasheet HTML 33Page - Microchip Technology USB3346CPTR Datasheet HTML 34Page - Microchip Technology USB3346CPTR Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
 2009-2018 Microchip Technology Inc.
DS00002646A-page 31
USB334x
For peripheral-only or host-only bus-powered applications, the input to VBAT may be derived from the VBUS pin of the
USB connector. In this configuration, the supply must be capable of withstanding any transient voltage present at the
VBUS pin of the USB connector. Microchip does not recommend connecting the VBAT pin to the VBUS terminal of the
USB connector.
5.6.2
POWER ON RESET (POR)
The USB334x provides a POR circuit that generates an internal reset pulse after the VDD18 supply is stable. After the
internal POR goes high the USB334x will release from reset and begin normal ULPI operation as described in Note 5-3.
The ULPI registers will power up in their default state summarized in Table 7-1 when the 1.8V supply comes up. Cycling
the RESETB pin can also be used to reset the ULPI registers to their default state (and reset all internal state machines)
by bringing the pin low for a minimum of 1 microsecond and then high. It is not necessary to wait for the VDD33 and
VDD18 pins to discharge to 0 volts to reset the part.
The RESETB pin must be pulled high to enable the 3.3V and 1.8V regulators. A pull-down resistor is not present on the
RESETB pin and therefore the system should drive the RESETB pin to the desired state at all times. If the system does
not need to place the USB334x into reset mode the RESETB pin can be connected to a supply between 1.8V and 3.3V.
5.6.3
RECOMMENDED POWER SUPPLY SEQUENCE
For USB operation, the USB334x requires a valid voltage on the VBAT and VDDIO pins. The VDD33 and VDD18 reg-
ulators are automatically enabled when the RESETB pin is brought high. Table 5-2 presents the power supply configu-
rations in more detail.
The RESETB pin can be held low until the VBAT supply is stable. If the Link is not ready to interface the USB334x, the
Link may choose to hold the RESETB pin low until it is ready to control the ULPI interface.
Note 5-3
VDDIO must be present for ULPI pins to tri-state.
Note 5-4
USB3343 only.
5.6.4
START-UP
The power on default state of the USB334x is ULPI Synchronous mode. The USB334x requires the following conditions
to begin operation: the power supplies must be stable, the REFCLK must be present and the RESETB pin must be high.
After these conditions are met, the USB334x will begin ULPI operation that is described in Section 6.0, "ULPI Opera-
tion," on page 42.
Figure 5-6 below shows a timing diagram to illustrate the start-up of the USB334x. At T0, the supplies are stable and
the USB334x is held in reset mode. At T1, the Link drives RESETB high after the REFCLK has started. The RESETB
pin may be brought high asynchronously to REFCLK. Once, the 3.3V and 1.8V internal supplies become stable the
USB334x will apply the 15 KΩ pull downs to the data bus and assert DIR until the internal PLL has locked. After the PLL
has locked, the USB334x will check that the Link has de-asserted STP and at T2 it will de-assert DIR and begin ULPI
operation.
The ULPI bus will be available as shown in Figure 5-6 in the time defined as TSTART given in Table 4-3. If the REFCLK
signal starts after the RESETB pin is brought high, then time T0 will begin when REFCLK starts. TSTART also assumes
that the Link has de-asserted STP. If the Link has held STP high the USB334x will hold DIR high until STP is de-
asserted. When the LINK de-asserts STP, it must be ready drive the ULPI data bus to idle (00h) for a minimum of one
clock cycle after DIR de-asserts.
TABLE 5-2:
OPERATING MODE VS. POWER SUPPLY CONFIGURATION
VBAT
VDDIO
(Note 5-4)
RESETB
Operating Modes Available
0
0
0
Powered Off
1
X
0
RESET Mode. (Note 5-3)
1
1
1
Full USB operation as described in Section 6.0, "ULPI
Operation," on page 42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com