Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3346CPTR Datasheet(PDF) 13 Page - Microchip Technology

Part # USB3346CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3346CPTR Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB3346CPTR Datasheet HTML 9Page - Microchip Technology USB3346CPTR Datasheet HTML 10Page - Microchip Technology USB3346CPTR Datasheet HTML 11Page - Microchip Technology USB3346CPTR Datasheet HTML 12Page - Microchip Technology USB3346CPTR Datasheet HTML 13Page - Microchip Technology USB3346CPTR Datasheet HTML 14Page - Microchip Technology USB3346CPTR Datasheet HTML 15Page - Microchip Technology USB3346CPTR Datasheet HTML 16Page - Microchip Technology USB3346CPTR Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
 2009-2018 Microchip Technology Inc.
DS00002646A-page 13
USB334x
3.0
LIMITING VALUES
3.1
Absolute Maximum Ratings
3.2
Recommended Operating Conditions
TABLE 3-1:
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
VBUS, VBAT, ID, DP, DM,
SPK_L, and SPK_R
voltage to GND
VMAX_5V
Voltage measured at pin.
VBUS tolerant to 30V with
external RVBUS.
-0.5
+6.0
V
Maximum VDD18 voltage
to Ground
VMAX_18V
-0.5
2.5
V
Maximum VDD33 voltage
to Ground
VMAX_33V
-0.5
4.0
V
Maximum VDDIO voltage
to Ground (USB3343)
VMAX_IOV
-0.5
4.0
V
Maximum I/O voltage to
Ground
(USB3341, USB3346, and
USB3347)
VMAX_IN
-0.5
2.5
V
Maximum I/O voltage to
Ground (USB3343)
VMAX_IN
-0.5
VDDIO + 0.7
Operating Temperature
TMAX_OP
-40
85
C
Storage Temperature
TMAX_STG
-55
150
C
Note:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
TABLE 3-2:
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
VBAT to GND
VBAT
3.0
5.5
V
VDD33 to GND
VDD33
3.0
3.3
3.6
V
VDD18 to GND
VDD18
1.6
1.8
2.0
V
VDDIO to GND
VDDIO
1.6
1.8-3.3
3.6
V
Input Voltage on Digital
Pins (RESETB, STP,
DIR, NXT, DATA[7:0])
(USB3341, USB3346,
and USB3347)
VI
0.0
VDD18
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com