Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3346CPTR Datasheet(PDF) 7 Page - Microchip Technology

Part # USB3346CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3346CPTR Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB3346CPTR Datasheet HTML 3Page - Microchip Technology USB3346CPTR Datasheet HTML 4Page - Microchip Technology USB3346CPTR Datasheet HTML 5Page - Microchip Technology USB3346CPTR Datasheet HTML 6Page - Microchip Technology USB3346CPTR Datasheet HTML 7Page - Microchip Technology USB3346CPTR Datasheet HTML 8Page - Microchip Technology USB3346CPTR Datasheet HTML 9Page - Microchip Technology USB3346CPTR Datasheet HTML 10Page - Microchip Technology USB3346CPTR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
 2009-2018 Microchip Technology Inc.
DS00002646A-page 7
USB334x
2.0
PIN LOCATIONS AND DEFINITIONS
2.1
USB334x Pin Locations and Descriptions
2.1.1
USB3341, USB3346, AND USB3347 PIN DIAGRAM AND PIN DEFINITIONS
The illustration below is viewed from the top of the package.
The following table details the pin definitions for the figure above.
FIGURE 2-1:
USB3341, USB3346, AND USB3347 PIN LOCATIONS - TOP VIEW
TABLE 2-1:
USB3341, USB3346, AND USB3347 PIN DESCRIPTIONS
Pin
Name
Direction/
Type
Active
Level
Description
1CLKOUT
Output,
CMOS
N/A
ULPI Clock Output Mode:
60MHz ULPI Clock Outputput. All ULPI signals are
driven synchronous to the rising edge of this clock.
ULPI Clock Input Mode:
Connect this pin to VDD18 to configure 60MHz ULPI
Clock Input mode as described in Section 5.5.1.
2NXT
Output,
CMOS
High
The PHY asserts NXT to throttle the data. When the
Link is sending data to the PHY, NXT indicates when
the current byte has been accepted by the PHY.
3DATA[0]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[0] is the LSB.
4DATA[1]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
VBUS
ID
VDD33
DM
DP
NXT
DATA0
DATA2
DATA3
DATA1
VBAT
CLKOUT
1
2
3
4
5
6
18
17
16
15
14
13
24Pin QFN
4x4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com