Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3346CPTR Datasheet(PDF) 14 Page - Microchip Technology

Part # USB3346CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3346CPTR Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB3346CPTR Datasheet HTML 10Page - Microchip Technology USB3346CPTR Datasheet HTML 11Page - Microchip Technology USB3346CPTR Datasheet HTML 12Page - Microchip Technology USB3346CPTR Datasheet HTML 13Page - Microchip Technology USB3346CPTR Datasheet HTML 14Page - Microchip Technology USB3346CPTR Datasheet HTML 15Page - Microchip Technology USB3346CPTR Datasheet HTML 16Page - Microchip Technology USB3346CPTR Datasheet HTML 17Page - Microchip Technology USB3346CPTR Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
USB334x
DS00002646A-page 14
 2009-2018 Microchip Technology Inc.
3.3
Package Thermal Specifications
Input Voltage on Digital
Pins (RESETB, STP,
DIR, NXT, DATA[7:0])
(USB3343)
VI
0.0
VDDIO
V
Voltage on Analog I/O
Pins (DP, DM, ID,
SPK_L, SPK_R)
VI(I/O)
0.0
VDD33
V
VBUS to GND
VVMAX
0.0
5.5
V
Ambient Temperature
TA
-40
85
C
TABLE 3-3:
PACKAGE THERMAL PARAMETERS
Symbol
°C/W
Velocity (Meter/s)
JA
56
0
49
1
JT
10
11
JC
10
0
10
1
Note:
Thermal parameters are measured or estimated for devices in a multi-layer 2S2P PCB per JESDN51.
TABLE 3-2:
RECOMMENDED OPERATING CONDITIONS (CONTINUED)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com