Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3346CPTR Datasheet(PDF) 72 Page - Microchip Technology

Part # USB3346CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3346CPTR Datasheet(HTML) 72 Page - Microchip Technology

Back Button USB3346CPTR Datasheet HTML 68Page - Microchip Technology USB3346CPTR Datasheet HTML 69Page - Microchip Technology USB3346CPTR Datasheet HTML 70Page - Microchip Technology USB3346CPTR Datasheet HTML 71Page - Microchip Technology USB3346CPTR Datasheet HTML 72Page - Microchip Technology USB3346CPTR Datasheet HTML 73Page - Microchip Technology USB3346CPTR Datasheet HTML 74Page - Microchip Technology USB3346CPTR Datasheet HTML 75Page - Microchip Technology USB3346CPTR Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
USB334x
DS00002646A-page 72
2009-2018 Microchip Technology Inc.
7.1.2.4
Carkit Interrupt Latch
Address = 21h (read only with auto-clear)
Note 7-3
rd: Read Only with auto clear
7.1.3
VENDOR REGISTER ACCESS
The vendor specific registers include the range from 30h to 3Fh. These can be accessed by the ULPI immediate register
read / write.
7.1.3.1
HS Compensation Register
Address = 31h (read / write)
The USB334x is designed to meet the USB specifications and requirements when the DP and DM signals are properly
designed on the PCB. The DP and DM trace impedance should be 45Ω single ended and 90Ω differential. In cases
where the DP and DM traces are not able to meet these requirements the HS Compensation register can be used to
compensate for the losses in signal amplitude.
RidConversionDone
6
rd
0b
Automatically asserted by the USB334x when the Rid
Conversion is finished. The conversion will take
282uS. This bit will auto clear when the RidValue is
read from the Rid Conversion Register. Reading the
RidValue from the Carkit Interrupt Status register will
not clear either RidConversionDone status bit.
Note:
RidConversionDone can also be read from
the Vendor Rid Conversion register
described in Section 7.1.3.4, "Vendor Rid
Conversion," on page 74.
Reserved
7
rd
0b
Read only, 0.
Field Name
Bit
Access
Default
Description
IdFloat Latch
0rd
(Note 7-3)
0b
Asserted if the state of the ID pin changes from non-
floating to floating while the IdFloatRise bit is enabled
or if the state of the ID pin changes from floating to
non-floating while the IdFloatFall bit is enabled.
VdatDet Latch
1rd
0b
If VdatDetIntEn is set and the VdatDet bit changes
state, this bit will be asserted.
CarDp Latch
2
rd
0b
Not Implemented. Reads as 0b.
RidConversionLatch
3rd
(Note 7-3)
0b
If RidIntEn is set and the state of the
RidConversionDone bit changes from a 0 to 1 this bit
will be asserted.
Reserved
7:4
rd
0000b
Read only, 0.
Field Name
Bit
Access
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com