Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3346CPTR Datasheet(PDF) 60 Page - Microchip Technology

Part # USB3346CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3346CPTR Datasheet(HTML) 60 Page - Microchip Technology

Back Button USB3346CPTR Datasheet HTML 56Page - Microchip Technology USB3346CPTR Datasheet HTML 57Page - Microchip Technology USB3346CPTR Datasheet HTML 58Page - Microchip Technology USB3346CPTR Datasheet HTML 59Page - Microchip Technology USB3346CPTR Datasheet HTML 60Page - Microchip Technology USB3346CPTR Datasheet HTML 61Page - Microchip Technology USB3346CPTR Datasheet HTML 62Page - Microchip Technology USB3346CPTR Datasheet HTML 63Page - Microchip Technology USB3346CPTR Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
USB334x
DS00002646A-page 60
2009-2018 Microchip Technology Inc.
In Carkit Mode, interrupts are possible if they have been enabled in the Carkit Interrupt Enable register. The state of
each interrupt source is sampled prior to the assertion of DIR and this is compared against the asynchronous level from
interrupt source. In Carkit Mode, the Linestate signals are not available per the ULPI specification.
The ULPI interface is redefined to the following when Carkit Mode is entered.
Exiting Carkit Mode is the same as exiting Low Power Mode as described in Section 6.5.2, "Exiting Low Power Mode,"
on page 57. The Link must assert STP to signal the PHY to exit serial mode. When the PHY can accept a command,
DIR is de-asserted and the PHY will wait until the Link de-asserts STP to resume synchronous ULPI operation. The
RESETB pin can also be pulsed low to reset the USB334x and return it to Synchronous Mode.
6.7.1
ENTERING USB UART MODE
The USB334x can be placed into UART Mode by first setting the TxdEn and RxdEn bits in the Carkit Control register.
Then the Link can set the CarkitMode bit in the Interface Control register. The TxdEn and RxdEn bits must be written
before the CarkitMode bit.
After the CarkitMode bit is set, the ULPI interface will become redefined as described in Table 6-10, and the USB334x
will transmit data through the DATA[0] to DM of the USB connector and receive data on DP and pass the information
the Link on DATA[1].
When entering UART mode, the regulator output will automatically switch to the value configured by the UART RegOut-
put bits in the USB IO & Power Management register and the RCD pull-up resistors will be applied internally to DP and
DM. This will hold the UART in its default operating state.
While in UART mode, the transmit edge rates can be set to either the Full Speed USB or Low Speed USB edge rates
by using the XcvrSelect[1:0] bits in the Function Control register.
TABLE 6-10:
PIN DEFINITIONS IN CARKIT MODE
Signal
Connected to
Direction
Description
txd
DATA[0]
IN
UART TXD signal that is routed to the DM pin if the TxdEn
is set in the Carkit Control register.
rxd
DATA[1]
OUT
UART RXD signal that is routed to the DP pin if the RxdEn
bit is set in the Carkit Control register.
reserved
DATA[2]
OUT
Driven Low (CarkitDataMC = 0, default)
IN
Tri-state (CarkitDataMC = 1)
int
DATA[3]
OUT
Asserted when any unmasked interrupt occurs. Active high.
reserved
DATA[4:7]
OUT
Driven Low.
TABLE 6-11:
ULPI REGISTER PROGRAMMING EXAMPLE TO ENTER UART MODE
R/W
Address
(HEX)
Value
(HEX)
Description
Result
W
04
49
Configure Non-Driving mode
Select FS transmit edge rates
OpMode=01
XcvrSelect=01
W
39
00
Set regulator to 3.3V
UART RegOutput=00
W
19
0C
Enable UART connections
RxdEn=1
TxdEn=1
W
07
04
Enable carkit mode
CarkitMode=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com