Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3346CPTR Datasheet(PDF) 71 Page - Microchip Technology

Part # USB3346CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3346CPTR Datasheet(HTML) 71 Page - Microchip Technology

Back Button USB3346CPTR Datasheet HTML 67Page - Microchip Technology USB3346CPTR Datasheet HTML 68Page - Microchip Technology USB3346CPTR Datasheet HTML 69Page - Microchip Technology USB3346CPTR Datasheet HTML 70Page - Microchip Technology USB3346CPTR Datasheet HTML 71Page - Microchip Technology USB3346CPTR Datasheet HTML 72Page - Microchip Technology USB3346CPTR Datasheet HTML 73Page - Microchip Technology USB3346CPTR Datasheet HTML 74Page - Microchip Technology USB3346CPTR Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 71
USB334x
7.1.2.3
Carkit Interrupt Status
Address = 20h (read only)
CarDpRise
3
rd
0b
Not Implemented. Reads as 0b.
CarDpFall
4
rd
0b
Not Implemented. Reads as 0b.
RidIntEn
5
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when RidConversionDone
bit is asserted.
Note:
This register bit is or’ed with the RidIntEn bit
of the Vendor Rid Conversion register
described in Section 7.1.3.4, "Vendor Rid
Conversion," on page 74.
Reserved
6
rd/w/s/c
0b
Read only, 0.
Reserved
7
rd
0b
Read only, 0.
Field Name
Bit
Access
Default
Description
IdFloat
0
rd
0b
Asserted when the ID pin is floating. IdPullup must be
enabled.
VdatDet
1rd
0b
VDAT_DET Comparator output
0b: No voltage is detected on DP
1b: Voltage detected on DP, IdatSinkEn must be set
to 1.
Note:
VdatDet can also be read from the USB-IF
Charger Detection register described in
Section 7.1.3.3, "Headset Audio Mode," on
page 74.
CarDp
2
rd
0b
Not Implemented. Reads as 0b.
RidValue
5:3
rd
000b
Conversion value of Rid resistor
000: 0Ω
001: 75Ω
010: 102 KΩ
011: 200 KΩ
100: Reserved
101: ID floating
111: Error
Note:
RidValue can also be read from the Vendor
Rid Conversion register described in
Section 7.1.3.4, "Vendor Rid Conversion,"
on page 74.
Field Name
Bit
Access
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com