Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3346CPTR Datasheet(PDF) 67 Page - Microchip Technology

Part # USB3346CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3346CPTR Datasheet(HTML) 67 Page - Microchip Technology

Back Button USB3346CPTR Datasheet HTML 63Page - Microchip Technology USB3346CPTR Datasheet HTML 64Page - Microchip Technology USB3346CPTR Datasheet HTML 65Page - Microchip Technology USB3346CPTR Datasheet HTML 66Page - Microchip Technology USB3346CPTR Datasheet HTML 67Page - Microchip Technology USB3346CPTR Datasheet HTML 68Page - Microchip Technology USB3346CPTR Datasheet HTML 69Page - Microchip Technology USB3346CPTR Datasheet HTML 70Page - Microchip Technology USB3346CPTR Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 67
USB334x
7.1.1.8
USB Interrupt Enable Rising
Address = 0D-0Fh (read), 0Dh (write), 0Eh (set), 0Fh (clear)
7.1.1.9
USB Interrupt Enable Falling
Address = 10-12h (read), 10h (write), 11h (set), 12h (clear)
DrvVbus
5
rd/w/s/c
0b
Enables external 5 volt supply to drive 5 volts on
VBUS. This signal is or’ed with DrvVbusExternal.
0b: Do not drive Vbus.
1b: Drive Vbus
DrvVbusExternal
6
rd/w/s/c
0b
Enables external 5 volt supply to drive 5 volts on
VBUS. This signal is or’ed with DrvVbus.
0b: Do not drive Vbus
1b: Drive Vbus
UseExternalVbus
Indicator
7
rd/w/s/c
0b
Tells the PHY to use an external VBUS over-current
or voltage indicator. This function is detailed in
Section 5.7.2, "VBUS Monitoring and VBUS Pulsing,"
on page 35.
0b: Use the internal VbusValid comparator
1b: Use the EXTVBUS input as for VbusValid signal.
Note:
The EXTVBUS signal is always high on the
USB334x.
Field Name
Bit
Access
Default
Description
HostDisconnect Rise
0
rd/w/s/c
1b
Generate an interrupt event notification when
Hostdisconnect changes from low to high. Applicable
only in host mode.
VbusValid Rise
1
rd/w/s/c
1b
Generate an interrupt event notification when
Vbusvalid changes from low to high.
SessValid Rise
2
rd/w/s/c
1b
Generate an interrupt event notification when
SessValid changes from low to high.
SessEnd Rise
3
rd/w/s/c
1b
Generate an interrupt event notification when
SessEnd changes from low to high.
IdGnd Rise
4
rd/w/s/c
1b
Generate an interrupt event notification when IdGnd
changes from low to high.
Reserved
7:5
rd
0h
Read only, 0.
Field Name
Bit
Access
Default
Description
HostDisconnect Fall
0
rd/w/s/c
1b
Generate an interrupt event notification when
Hostdisconnect changes from high to low. Applicable
only in host mode.
VbusValid Fall
1
rd/w/s/c
1b
Generate an interrupt event notification when
Vbusvalid changes from high to low.
SessValid Fall
2
rd/w/s/c
1b
Generate an interrupt event notification when
SessValid changes from high to low.
Field Name
Bit
Access
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com