Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3346CPTR Datasheet(PDF) 76 Page - Microchip Technology

Part # USB3346CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3346CPTR Datasheet(HTML) 76 Page - Microchip Technology

Back Button USB3346CPTR Datasheet HTML 72Page - Microchip Technology USB3346CPTR Datasheet HTML 73Page - Microchip Technology USB3346CPTR Datasheet HTML 74Page - Microchip Technology USB3346CPTR Datasheet HTML 75Page - Microchip Technology USB3346CPTR Datasheet HTML 76Page - Microchip Technology USB3346CPTR Datasheet HTML 77Page - Microchip Technology USB3346CPTR Datasheet HTML 78Page - Microchip Technology USB3346CPTR Datasheet HTML 79Page - Microchip Technology USB3346CPTR Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
USB334x
DS00002646A-page 76
2009-2018 Microchip Technology Inc.
USB RegOutput
7:6
rd/w/s/c
00b
Controls the output voltage of the VBAT to VDD33
regulator in USB mode. When the PHY is in
Synchronous Mode, Serial Mode, or Low Power
Mode, the regulator output will be the value specified
in this register.
00: 3.3V (default)
01: 3.0V
10: 2.75V
11: 2.5V
Field Name
Bit
Access
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com