Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3346CPTR Datasheet(PDF) 39 Page - Microchip Technology

Part # USB3346CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3346CPTR Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB3346CPTR Datasheet HTML 35Page - Microchip Technology USB3346CPTR Datasheet HTML 36Page - Microchip Technology USB3346CPTR Datasheet HTML 37Page - Microchip Technology USB3346CPTR Datasheet HTML 38Page - Microchip Technology USB3346CPTR Datasheet HTML 39Page - Microchip Technology USB3346CPTR Datasheet HTML 40Page - Microchip Technology USB3346CPTR Datasheet HTML 41Page - Microchip Technology USB3346CPTR Datasheet HTML 42Page - Microchip Technology USB3346CPTR Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 39
USB334x
The charger detection circuitry runs from the VDD33 supply and requires that the VDD33 supply to be present to run
the charger detection circuitry. The VDD33 supply is present anytime the RESETB pin is pulled high and VBAT is pres-
ent. The charger detection circuits are fully functional while in Low Power Mode (Suspendm = 0). The status of the Vdat-
Det can be relayed back to the Link through the ULPI interrupts in both Synchronous mode and Low Power Mode.
5.9.1
ACTIVE ANALOG CHARGER DETECTION (USB-IF BATTERY CHARGING 1.2)
The USB334x includes the active analog charger detection specified in the USB-IF Battery Charging Specification. The
additional analog circuitry will allow the USB334x to:
1.
Detect a Dedicated Charging Port (DCP) with the DP and DM pins shorted together.
2.
Detect a Standard Downstream Port (SDP) which has no battery charging circuitry.
3.
Detect a Charging Downstream Port (CDP) which actively supplies voltage to the DM pin when connected to a
USB-IF BC 1.2 compatible device.
4.
Behave as a Charging Downstream Port by enabling the voltage source on the DM pin.
The charger detection circuitry is shown in Figure 5-9.
The VdatDet output is qualified with the Linestate[1:0] value. If the Linestate is not equal to 00 the VdatDet signal will
not assert.
The proper detection process flows through different modes of detection and uses the linestate and VdatDet signals
values to determine the connection. Table 5-7 describes the bit values that need to be set to enter each mode.
5.9.1.1
Example Charger Detection Flow - Dedicated Charging Port
The USB-IF Battery Charging 1.2 specification describes in detail the flow for each charger type, but below is an exam-
ple of the flow used to detect a Dedicated Charger (DCP).
1.
Device detects Vbus voltage is present from RXCMD, (SESS_VLD is 1)
2.
Device enters the Device Connect Detect mode.
If the linestate still equals 10 after a specified timeout, the charger is an unknown charger and there will be no
attempted USB enumeration.
If the linestate equals 00 or 11, the device will go to the next mode:
TABLE 5-7:
USB CHARGER SETTING VS. MODES
Charger Detection Modes
Device Connect Detect
(The Connect Detect setting in Table 5-1 must be followed)
00
1001
Device Charger Detection
1
1
0000
Device Enhanced Charger Detection
1
1
0100
Device USB Operation
0
0
0000
Charging Host Port, no charging device attached and SE0
(VdatDet = 0)
01
0111
Charging Host Port, charging device attached (VdatDet = 1)
11
0111
Charging Host Port USB Operation
0
0
0111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com