Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3346CPTR Datasheet(PDF) 4 Page - Microchip Technology

Part # USB3346CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3346CPTR Datasheet(HTML) 4 Page - Microchip Technology

  USB3346CPTR Datasheet HTML 1Page - Microchip Technology USB3346CPTR Datasheet HTML 2Page - Microchip Technology USB3346CPTR Datasheet HTML 3Page - Microchip Technology USB3346CPTR Datasheet HTML 4Page - Microchip Technology USB3346CPTR Datasheet HTML 5Page - Microchip Technology USB3346CPTR Datasheet HTML 6Page - Microchip Technology USB3346CPTR Datasheet HTML 7Page - Microchip Technology USB3346CPTR Datasheet HTML 8Page - Microchip Technology USB3346CPTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
USB334x
DS00002646A-page 4
 2009-2018 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
Microchip’s USB334x is a family of Hi-Speed USB 2.0 Transceivers that provide a physical layer (PHY) solution well-
suited for portable electronic devices. Both commercial and industrial temperature applications are supported.
Each model in the USB334x family may use a 60MHz reference clock or the model-number specific reference clock
shown on the Product Identification System page.
Several advanced features make the USB334x the transceiver of choice by reducing both eBOM part count and printed
circuit board (PCB) area. Outstanding ESD robustness eliminates the need for external ESD protection devices in typ-
ical applications. The internal Over-Voltage Protection circuit (OVP) protects the USB334x from voltages up to 30V on
the VBUS pin. By using a reference clock from the Link, the USB334x removes the cost of a dedicated crystal reference
from the design. The USB334x includes integrated 3.3V and 1.8V regulators, making it possible to operate the device
from a single power supply.
The USB334x is optimized for use in portable applications where a low operating current and standby currents are
essential. The USB334x operates from a single supply and includes integrated regulators for its supplies. The USB334x
also supports the USB Link Power Management protocol (LPM) to further reduce USB operating currents.
The USB334x family is enabled with RapidCharge Anywhere which supports USB-IF Battery Charging 1.2 for any por-
table device. RapidCharge Anywhere provides three times the charging current through a USB port over traditional solu-
tions which translate up to 1.5Amps via compatible USB host or dedicated charger. In addition, this provides a complete
USB charging ecosystem between device and host ports such as Dedicated Charging Port (DCP), Charging (CDP) and
Standard (SDP) Downstream Ports. Section 5.9, "USB Charger Detection Support," on page 38 describes this is further
detail.
The USB334x meets all of the electrical requirements for a Hi-Speed USB Host, Device, or an On-the-Go (OTG) trans-
ceiver. In addition to the supporting USB signaling, the USB334x also provides USB UART mode and, in versions with
the integrated USB switch, USB Audio mode.
USB334x uses the industry standard UTMI+ Low Pin Interface (ULPI) to connect the USB transceiver to the Link. ULPI
uses a method of in-band signaling and status byte transfers between the Link and PHY to facilitate a USB session with
only twelve pins.
The USB334x uses “wrapper-less” technology to implement the ULPI interface. This “wrapper-less” technology allows
the PHY to achieve a low latency transmit and receive time. Microchip’s low latency transceiver allows an existing UTMI
Link to be reused by adding a UTMI to ULPI bridge. By adding a bridge to the ASIC the existing and proven UTMI Link
IP can be reused.
Versions of the USB334x with the integrated USB switch enable a single USB port of connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com