Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATM90E32AS-AU-R Datasheet(PDF) 56 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 52Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 53Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 54Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 55Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 56Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 57Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 58Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 59Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
56
PLconstL
Low Word of PL_Constant
MMode0
Metering Method Configuration
Address: 32H
Type: Read/Write
Default Value: C468H
Bit
Name
Description
15:0
PLcon-
stL[15:0]
The PLconstH[15:0] and PLconstL[15:0] bits are high word and low word of PL_Constant respectively.
It is suggested to set PL_constant as a multiple of 4.
Address: 33H
Type: Read/Write
Default Value: 0087H
Bit
Name
Description
15-13
-
Reserved.
12
Freq60Hz
Current Grid operating line frequency.
0: 50Hz (default)
1: 60Hz
11
HPFoff
Disable HPF in the signal processing path.
10
didtEn
Enable Integrator for didt current sensor.
0: disable (default)
1: enable
9
-
Reserved.
83P3W
This bit defines the voltage/current phase sequence detection mode:
0: 3P4W (default)
1: 3P3W (Ua is Uab, Uc is Ucb, Ub is not used)
7CF2varh
CF2 pin source:
0: apparent energy
1: reactive energy (default)
6-5
-
Reserved.
4
ABSEnQ
These bits configure the calculation method of total (all-phase-sum) reactive/active energy and power:
0: Arithmetic sum: (default)
ET=EA*EnPA+ EB*EnPB+ EC*EnPC
PT= PA*EnPA+ PB*EnPB+ PC*EnPC
1: Absolute sum:
ET=|EA|*EnPA+ |EB|*EnPB+ |EC|*EnPC
PT=|PA|*EnPA+ |PB|*EnPB+ |PC|*EnPC
Note: ET is the total (all-phase-sum) energy, EA/EB/EC are the signed phase A/B/C energy respectively.
Reverse energy is negative. PT is the total (all-phase-sum) power, PA/PB/PC are the signed phase A/B/C
power respectively. Reverse power is negative.
3
ABSEnP
2EnPA
These bits configure whether Phase A/B/C are counted into the all-phase sum energy/power (P/Q/S).
1: Corresponding Phase A/B/C to be counted into the all-phase sum energy/power (P/Q/S) (default)
0: Corresponding Phase A/B/C not counted into the all-phase sum energy/power (P/Q/S)
1EnPB
0EnPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com