| Electronic Components Datasheet Search |
|
ATM90E32AS-AU-R Datasheet(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATM90E32AS-AU-R Datasheet(HTML) 2 Page - ATMEL Corporation |
|
2 / 84 page ![]() M90E32AS [Datasheet] Atmel-46003B-SE-M90E32AS-Datasheet_02122015 2 APPLICATION • Poly-phase energy meters of class 0.2S, 0.5S and class 1 which are used in three-phase four-wire (3P4W, Y0) or three-phase three-wire (3P3W, Y or Δ) systems. • Power monitoring instruments which need to measure voltage, current, mean power, etc. GENERAL DESCRIPTION The M90E32AS is a poly-phase high performance wide-dynamic range metering IC. The M90E32AS incorporates 6 inde- pendent 2nd order sigma-delta ADCs, which could be employed in three voltage channels (phase A, B and C) and three current channels (phase A, B, C) in a typical three-phase four-wire system. The M90E32AS has an embedded DSP which executes calculation of active energy, reactive energy, apparent energy, fun- damental and harmonic active energy over ADC signal and on-chip reference voltage. The DSP also calculates measure- ment parameters such as voltage and current RMS value as well as mean active/reactive/apparent power. A four-wire SPI interface is provided between the M90E32AS and the external microcontroller. The M90E32AS is suitable for poly-phase multi-function meters which could measure active/reactive/apparent energy and fundamental/harmonic energy either through four independent energy pulse outputs CF1/CF2/CF3/CF4 or through the cor- responding registers. The ADC and auto-temperature compensation technology for reference voltage ensure the M90E32AS's long-term stability over variations in grid and ambient environment conditions. BLOCK DIAGRAM Figure-1 M90E32AS Block Diagram VDD18 Regulator Temperature Sensor Current Detector ADC-V1 ADC-V2 ADC-V3 ADC-I1 ADC-I2 ADC-I3 SPI Interface DSP Energy Metering (Forward/Reverse Active/Reactive/CF Generator) Measure and Monitoring (V/I/rms / SAG / Phase / Frequency) Control Logic Zero Crossing CF Out Power On Reset Crystal Oscillator On-chip Reference Voltage Vref I1P / I1N V1P / V1N CS SCLK SDO SDI OSCI OSCO RESET CF1 ZX0 I2P / I2N I3P / I3N V2P / V2N V3P / V3N CF2 CF3 CF4 ZX1 ZX2 Power Mode Configuration PM1 PM0 IRQ WarnOut IRQ0 IRQ1 Warn Out Flexible Piece-wise Non-linear Compensation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |