Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATM90E32AS-AU-R Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 23Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 24Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 25Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 26Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 27Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 28Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 29Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 30Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
27
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
3.9
EXTERNAL COMPONENT COMPENSATION
The calibrated channel gain and phase-delay offset could be tuned with respect to some reference parameter. This feature
is useful when external component is not ideal and allow low cost sensors used in the system.
There are three reference parameters:
•
Measured Current RMS (per phase)
•
Measured line frequency (all phase in common)
•
Measured temperature
There are two tuning parameters to compensate:
•
Channel gain compensation
•
Channel phase delay compensation
Following are the compensation correspondences:
•
Measured current RMS is per phase. It goes to Igain and Phi for each phase.
•
This is to compensate the non-linearity of current sensors, like a Current-Transformer. Non-linearity can be gain-non-
linearity or phase nonlinearity. The gain nonlinearity is compensated by Igain compensation and phase nonlinearity
is compensated by phase compensation.
•
Frequency compensation only goes to Phi/Delay (all phases are the same).
•
Temperature compensation only goes to UGain (per phase).
Table-4 Compensation Related Registers
Parameter
Describtion
Registers
LogIrms
Measured Current RMS
LOGIrms0, LOGIrms1
F0
Nominal line frequency
F0
T0
Nominal temperature
T0
GainIrms
Gain compensation for Irms
GainAIrms01, GainAIrms2, GainBIrms01, GainBIrms2,
GainCIrms01, GainCIrms2
PhiIrms
Phase compensation for Irms
PhiAIrms01, PhiAIrms2, PhiBIrms01, PhiBIrms2, PhiCIrms01,
PhiCIrms2
UGainT
Temperature compensation only goes to UGain
UGainTAB, UGainTC
PhiF
Frequency compensation only goes to Phi/Delay
PhiFreqComp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com