Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATM90E32AS-AU-R Datasheet(PDF) 58 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 54Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 55Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 56Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 57Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 58Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 59Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 60Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 61Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
58
QoffsetA
Phase A Reactive Power offset
PQGainA
Phase A Active/Reactive Energy Calibration Gain
PhiA
Phase A Calibration Phase Angle
5.4.3
FUNDAMENTAL/HARMONIC ENERGY CALIBRATION REGISTERS
Address: 42H
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15-0
offset
Phase A reactive power offset, signed with complement format.
Address: 47H
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15-0
Gain
Phase A energy gain, signed with complement format.
Address: 48H
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15
DelayV
0: Delay Cycles are applied to current channel. (default)
1: Delay Cycles are applied to voltage channel.
14:8
-
Reserved.
7:0
DelayCycles
Number of delay cycles calculated in phase compensation.
Unit is 2.048MHz cycle. It is an unsigned 8 bit integer.
Table-8 Fundamental/Harmonic Energy Calibration Registers
Register
Address
Register Name
Read/Write
Type
Functional Description
Power-on Value
51H
PoffsetAF
R/W
Phase A Fundamental Active Power
offset
0000H
52H
PoffsetBF
R/W
Phase B Fundamental Active Power
offset
0000H
53H
PoffsetCF
R/W
Phase C Fundamental Active Power
offset
0000H
54H
PGainAF
R/W
Phase A Fundamental Calibration
Gain
0000H
55H
PGainBF
R/W
Phase B Fundamental Calibration
Gain
0000H
56H
PGainCF
R/W
Phase C Fundamental Calibration
Gain
0000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com