Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO25F1GC-30EC Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 13Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 14Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 15Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 16Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 17Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 18Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 19Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 20Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
17/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
7
FUNCTIONAL DESCRIPTION
7.1
Standard SPI Instructions
The ATO25D1GA is accessed through an SPI compatible bus consisting of four signals: Serial
Clock (CLK). Chip Select (CS#), Serial Data Input (SI) and Serial Data Output (SO). Standard SPI
instructions use the SI input pin to serially write instructions, addresses or data to the device on
the rising edge of CLK. The SO output pin is used to read data or status from the device on the
falling edge of SCLK.
SPI bus operation Modes 0 (0, 0) and 3 (1, 1) are supported. The primary difference between
Mode 0 and Mode 3 concerns the normal state of the SCLK signal when the SPI bus master is in
standby and data is not being transferred to the Serial Flash. For Mode 0 the SCLK signal is
normally low on the falling and rising edges of CS#. For Mode 3 the SCLK signal is normally high
on the falling and rising edges of CS#.
7.2
Quad SPI Instructions
The ATO25D1GA
supports Quad SPI operation when using the “Read from page buffer x4”
command. This instruction allows data to be transferred to or from the device six to seven times
the rate of ordinary Serial Flash. The Quad Read instruction offers a significant improvement in
continuous and random access transfer rates allowing fast code-shadowing to RAM or execution
directly from the SPI bus (XIP). When using Quad SPI instruction the SI and SO pins become
bidirectional SIO0 and SIO1 and the WP# and HOLD# pins become SIO2 and SIO3 respectively.
Quad SPI instructions require the Quad Enable bit (QE) in Status Register to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com