Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO25F1GC-30EC Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 33Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 34Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 35Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 36Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 37Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 38Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 39Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 40Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
37/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
Figure 23. Power-up timing
Table 7.
Power-up timing and VWI threshold
Symbol
Parameter
Min.
Max.
Unit
tVSL
(1)
VCC(min) to S low
10
µs
tPUW
(1)
Time delay to Write instruction
1
10
ms
VWI
(1)
Write Inhibit voltage
1
2
V
1. These parameters are characterized only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com