Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO25F1GC-30EC Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 21Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 22Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 23Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 24Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 25Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 26Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 27Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 28Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
25/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
8.5.4
QE bit
The Quad Enable(QE) need to enable Quad operation. When the QE bit is set to a 0
state(factory default), W# pin and HOLD# are enabled. When the QE bit is set to a 1 the SIO1,
SIO2 and SIO3 pins are enabled.
WARNING : The QE bit should never be set to a 1 during standard SPI operation if the W#
or HOLD# pins are tied directly to the power supply or ground.
8.5.5
P_Fail bit
This bit indicats that a program failure has occurred (P_Fail set to 1). This bit will also be set if
the user attempts to program an invalid address or a locked or protected region, including the
OTP area. This bit is cleared during the PROGRAM EXECUTE command sequence or a
RESET command (P_Fail = 0).
8.5.6
E_Fail bit
This bit indicates that an erase failure has occurred (E_Fail set to 1). This bit will also be set if
the user attempts to erase a locked region, or if the ERASE operation fails. This bit is cleared
(E_Fail = 0) at the start of the BLOCK ERASE command sequence or the RESET command.
Figure 12.
Get Feature Timing
Figure 13.
Set Feature Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com