Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO25F1GC-30EC Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 34Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 35Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 36Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 37Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 38Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 39Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 40Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 41Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
38/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
11
Initial delivery state
The device is delivered with the memory array erased: all bits are set to 1 (each byte contains
FFh). The Status Register contains 00h (all Status Register bits are 0).
12
Maximum rating
Stressing the device above the rating listed in the absolute maximum ratings table may cause
permanent damage to the device. These are stress ratings only and operation of the device at
these or any other conditions above those indicated in the operating sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability. Refer also to relevant quality documents.
Table 8. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TSTG
Storage temperature
–65
150
°C
TLEAD
Lead temperature during soldering
see (0)
°C
VIO
Input and output voltage (with respect to ground)
–0.6
VCC + 0.4
V
VCC
Supply voltage
–0.6
4.6
V
VESD
Electrostatic discharge voltage (Human Body model)
(1)
–2000
2000
V
0. Compliant with JEDEC Std J-STD-020C (for small body, Sn-Pb or Pb assembly)
1. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500 Ω, R2=500 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com