Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO25F1GC-30EC Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 31Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 32Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 33Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 34Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 35Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 36Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 37Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 38Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
35/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
9
Error Management
This NAND Flash device is specified to have the minimum number of valid blocks (NVB) of the
total available blocks per die shown in the table below. This means the devices may have blocks
that are invalid when shipped from the factory. An invalid block is one that contains at least one
page that has more bad bits than can be corrected by the minimum required ECC. Additional bad
blocks may develop with use. However, the total number of available blocks will not fall below NVB
during the endurance life of the product.
Although NAND Flash memory devices may contain bad blocks, they can be used reliably in
systems that provide bad-block management and error-correction algorithms. This ensures data
integrity. Internal circuitry isolates each block from other blocks, so the presence of a bad block
does not affect the operation of the rest of the NAND Flash array.
NAND Flash devices are shipped from the factory erased. The factory identifies invalid blocks
before shipping by attempting to program the bad-block mark into every location in the first page of
each invalid block. It may not be possible to program every location in an invalid block with the
bad-block mark. However, the first spare area location in each bad block is guaranteed to contain
the bad-block mark. See the following table for the bad-block mark.
System software should initially check the first spare area location for non-FFh data on the first
page of each block prior to performing any program or erase operations on the NAND Flash device.
A bad-block table can then be created, enabling system software to map around these areas.
Factory testing is performed under worst-case conditions. Because invalid blocks may be marginal,
it may not be possible to recover the bad-block marking if the block is erased. The 1st block, which
is placed on 00h block address, is guaranteed to be a valid block up to 1K program/erase cycles.
Table 6. Error Management Details
Description
Requirement
Minimum number of valid blocks (Nvb)
1004
Total available blocks per die
1024
First spare area location
Byte 2048
Bad block mark
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com