Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO25F1GC-30EC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 3Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 4Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 5Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 6Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 7Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 8Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 9Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 10Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
List of figures
Figure 1.
Logic diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 2.
8 Pad 8X6 WSON / 16pin SOIC connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 3.
Bus Master and memory devices on the SPI bus. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 4.
SPI modes supported. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5.
Memory Organization
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 6.
Block diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 7.
Hold Condition activation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 8.
Write Enable (WREN) instruction sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 9.
Write Disable (WRDI) instruction sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 1
Figure 10.
Read Identification (RDID) instruction sequence and data-out sequence . . . . . . . . . . . . 22
Figure 11.
Reset Sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 12.
Get Feature Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 13.
Set Feature Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 14.
Page Read (13h) instruction Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 15.
Read From Page Buffer(03h/0Bh) instruction Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 16. Read From Page Buffer X4 (6Bh) instruction Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
27
Figure 17.
Page Program Load (02h) instruction sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 18.
Page Program Load X4 (32h) instruction sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 19.
Page Program Execute (10h) instruction sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 20.
Page Load Random Data (84h) instruction sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 21.
Page Load Random Data X4 (34h) instruction sequence. . . . . . . . . . . . . . . . . . . . . . . 32
Figure 22.
Block Erase (D8h) instruction sequence. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .. . . . . . . 34
Figure 23.
Power-up timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 24.
AC measurement I/O waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 25.
Serial input timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 26.
Write Protect setup and hold timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 27.
Hold timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 28.
Output timing
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 29.
8 Contact 8x6mm WSON body width, package outline . . . . . . . . . . . . . . . . . . . . . . 44
Figure 30.
16 Pin SOIC 300 mils body width, package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com