Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO25F1GC-30EC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 7Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 8Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 9Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 10Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 11Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 12Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 13Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 14Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
11/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
3
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of the
two following modes:
CPOL=0, CPHA=0
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (SCLK), and output
data is available from the falling edge of Serial Clock (SCLK).
The difference between the two modes, as shown in Figure 4, is the clock polarity when the bus
master is in Standby mode and not transferring data:
C remains at 0 for (CPOL=0, CPHA=0)
C remains at 1 for (CPOL=1, CPHA=1)
Figure 3.
Bus Master and memory devices on the SPI bus
1.
The Write Protect (W) and Hold (HOLD) signals should be driven, High or Low as appropriate.
Figure 3 shows an example of three devices connected to an MCU, on an SPI bus. Only one
device is selected at a time, so only one device drives the Serial Data Output (SO) line at a time,
the other devices are in the high impedance state. Resistors R (represented in Figure 3) ensure
that the ATO25D1GA is not selected if the Bus Master leaves the CS# line in the high impedance
state. As the Bus Master may enter a state where all inputs/outputs are in high impedance at the
same time (for example, when the Bus Master is reset), the clock line (SCLK) must be connected
to an external pull-down resistor so that, when all inputs/outputs become high impedance, the S
line is pulled High while the SCLK line is pulled Low (thus ensuring that CS# and SCLK do not
become High at the same time, and so, that the tSHCH requirement is met). The typical value of R is
100 kΩ, assuming that the time constant R*C
p (Cp = parasitic capacitance of the bus line) is
shorter than the time during which the Bus Master leaves the SPI bus in high impedance.
Example: Cp = 50 pF, that is R*Cp = 5 µs <=> the application must ensure that the Bus Master
never leaves the SPI bus in the high impedance state for a time period shorter than 5µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com