Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO25F1GC-30EC Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 32Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 33Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 34Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 35Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 36Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 37Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 38Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 39Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
36/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
10
Power-up and Power-down
At Power-up and Power-down, the device must not be selected (that is Chip Select (S) must
follow the voltage applied on VCC) until VCC reaches the correct value:
VCC(min) at Power-up, and then for a further delay of tVSL
VSS at Power-down
To avoid data corruption and inadvertent write operations during Power-up, a Power On Reset
(POR) circuit is included. The logic inside the device is held reset while VCC is less than the
POR threshold value, VWI – all operations are disabled, and the device does not respond to any
instruction.
Moreover, the device ignores all Write Enable (WREN), Page Program, Block Erase (BE), OTP
Program instructions until a time delay of tPUW has elapsed after the moment that VCC rises
above the VWI threshold. However, the correct operation of the device is not guaranteed if, by
this time, VCC is still below VCC(min). No Write Status Register, Program or Erase instructions
should be sent until the later of:
tPUW after VCC passed the VWI threshold
tVSL after VCC passed the VCC(min) level
These values are specified in Table 8.
If the delay, tVSL, has elapsed, after VCC has risen above VCC(min), the device can be selected
for READ instructions even if the tPUW delay is not yet fully elapsed. At Power-up, the device is
in the following state:
The device is in the Standby mode (not the Deep Power-down mode).
The Write Enable Latch (WEL) bit is reset.
The Operation In Progress (OIP) bit is reset.
Normal precautions must be taken for supply rail decoupling, to stabilize the VCC feed. Each
device in a system should have the VCC rail decoupled by a suitable capacitor close to the
package pins. (Generally, this capacitor is of the order of 100 nF).
At Power-down, when VCC drops from the operating voltage, to below the Power On Reset
(POR) threshold value, VWI, all operations are disabled and the device does not respond to any
instruction. (The designer needs to be aware that if a Power-down occurs while a Write,
Program or Erase cycle is in progress, some data corruption can result.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com