Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO25F1GC-30EC Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 15Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 16Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 17Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 18Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 19Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 20Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 21Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 22Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
19/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
8
Instructions
All instructions, addresses and data are shifted in and out of the device, most significant bit first.
Serial Data Input (SI) is sampled on the first rising edge of Serial Clock (SCLK) after Chip Select
(CS#) is driven Low. Then, the one-byte instruction code must be shifted in to the device, most
significant bit first, on Serial Data input (SI), each bit being latched on the rising edges of Serial
Clock (SCLK).
The instruction set is listed in Table 3.
All attempts to access the memory array during a Write Status Register cycle, Program cycle or
Erase cycle are ignored, and the internal Write Status Register cycle, Program cycle or Erase
cycle continues unaffected.
Table 3. Instruction set
Command
Op
Code
Address
Bytes
Dummy
Bytes
Data
Bytes
Note
BLOCK ERASE
D8h
3
0
0
GET FEATURE
0Fh
1
0
1
Refer to Feature Register
SET FEATURE
1Fh
1
0
1
WRITE DISABLE
04h
0
0
0
WRITE ENABLE
06h
0
0
0
PROGRAM LOAD
02h
2
0
1 to 2112
PROGRAM LOAD x4
32h
2
0
1 to 2112
Command/Address is 1 bit,
data is 4 bit
PROGRAM LOAD
RANDOM DATA
84h
2
0
1 to 2112
PROGRAM LOAD
RANDOM DATA x4
34h
2
0
1 to 2112
Command/Address is 1 bit,
data is 4 bit
PROGRAM EXECUTE
10h
3
0
0
PAGE READ
13h
3
0
0
READ FROM
PAGE BUFFER
03h,
0Bh
2
1
1 to 2112
READ FROM
PAGE BUFFER x4
6Bh
2
1
1 to 2112
Command/Address is 1 bit,
data is 4 bit
READ ID
9Fh
1
0
2
Address is 00h to get JEDEC ID
RESET
FFh
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com