Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 391 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 391 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 387Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 388Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 389Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 390Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 391Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 392Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 393Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 394Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 395Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 400 page
background image
11 Operating conditions
The operating conditions are the physical parameters that the chip can operate within.
Symbol
Parameter
Notes
Min.
Nom.
Max.
Units
VDD
Battery input voltage
Including voltage drop, ripple and
spikes.
RF 3GPP compliancy requires 3.3
V.
3.0
3.8
5.5
V
VDD_GPIO
GPIO input voltage
1.7
3.6
V
GPIOH
GPIO high level voltage
VDD_GPIO
V
MAGPIOH
MAGPIO high level voltage
Supply from internal LDO
1.7
1.8
1.9
V
VIO
VIO high level voltage
Supply from internal LDO
1.7
1.8
1.9
V
TA
Operating temperature
-40
25
85
°C
COEX
COEX high level voltage
VDD_GPIO
V
SIMIF
SIMIF output high level voltage
Supply from internal LDO
1.7
1.8
1.9
V
Table 115: Operating conditions
Note: There can be excessive leakage at VDD and/or VDD_GPIO if any of these supply voltages is
outside its range given in the table above.
Note: It is not recommended to use high voltage, high drive GPIO outputs (VOH,HDH and VOH,HDL)
with high frequency, high capacitance loads unless needed, as this may increase noise level and
affect radio receiver performance. High drive/high load should especially be avoided on GPIO pins
close to the radio front end.
11.1 VDD_GPIO considerations
VDD_GPIO is the supply to the general purpose I/O.
The following restrictions should be taken into considerations:
• VDD_GPIO should be applied after VDD has been supplied
• VDD_GPIO should be removed before removing VDD
• If VDD is supplied and VDD_GPIO is grounded, an extra current consumption can be generated on VDD
• If ENABLE is low, VDD_GPIO should also be low
4418_1315 v2.0
391



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com