Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 392 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 392 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 388Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 389Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 390Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 391Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 392Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 393Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 394Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 395Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 396Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 400 page
background image
12 Absolute maximum ratings
Maximum ratings are the extreme limits to which the chip can be exposed for a limited amount of time
without permanently damaging it. Exposure to absolute maximum ratings for prolonged periods of time
may affect the reliability of the device.
Note
Min.
Max.
Unit
Supply voltages
VDD
-0.3
5.521
V
VDD_GPIO
-0.3
3.9
V
SIM_1V8
1.65
1.95
V
VSS
0
V
I/O pin voltage
VI/O, VDD_GPIO ≤ 3.6 V
-0.3
VDD_GPIO + 0.3
V
VI/O, VDD_GPIO > 3.6 V
-0.3
3.9
V
Radio
ANT antenna input level
10
dBm
GPS antenna input level
LNA turned on, max gain
-15
dBm
RF port ruggedness
Maximum deviation from
50 Ω without damaging the
module
10:1
VSWR
Environmental (LGA package)
Storage temperature
-40
95
°C
MSL
Moisture Sensitivity Level
3
ESD HBM
Human Body Model
1.5
kV
ESD HBM Class
Human Body Model Class
1C
ESD CDM
Charged Device Model
250
V
Flash memory
Endurance
10 000
Write/erase cycles
Retention
10 years at 85°C
ATEX compliance
Ci
73
µF
Li
7.5
µH
Ui
5.0
V
li
600
mA
Thermal conductivity
35
C/W
No internal voltage boost converters
Table 116: Absolute maximum ratings
21 ATEX compliance requires a maximum of 5.0 V.
4418_1315 v2.0
392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com