Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 103 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 103 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 99Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 100Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 101Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 102Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 103Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 104Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 105Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 106Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 107Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-f
RW
PIN[i] (i=0..31)
Pin i
Low
0
Read: pin driver is low
High
1
Read: pin driver is high
Clear
1
Write: writing a '1' sets the pin low; writing a '0' has no effect
6.4.4.4 IN
Address offset: 0x010
Read GPIO port
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-f
R
PIN[i] (i=0..31)
Pin i
Low
0
Pin input is low
High
1
Pin input is high
6.4.4.5 DIR (Retained)
Address offset: 0x014
Direction of GPIO pins
This register is retained.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-f
RW
PIN[i] (i=0..31)
Pin i
Input
0
Pin set as input
Output
1
Pin set as output
6.4.4.6 DIRSET
Address offset: 0x018
DIR set register
Note: Read: reads value of DIR register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-f
RW
PIN[i] (i=0..31)
Set as output pin i
Input
0
Read: pin set as input
Output
1
Read: pin set as output
Set
1
Write: writing a '1' sets pin to output; writing a '0' has no effect
4418_1315 v2.0
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com