Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 104 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 104 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 100Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 101Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 102Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 103Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 104Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 105Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 106Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 107Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 108Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 400 page
background image
Peripherals
6.4.4.7 DIRCLR
Address offset: 0x01C
DIR clear register
Note: Read: reads value of DIR register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-f
RW
PIN[i] (i=0..31)
Set as input pin i
Input
0
Read: pin set as input
Output
1
Read: pin set as output
Clear
1
Write: writing a '1' sets pin to input; writing a '0' has no effect
6.4.4.8 LATCH (Retained)
Address offset: 0x020
Latch register indicating what GPIO pins that have met the criteria set in the PIN_CNF[n].SENSE registers
This register is retained.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-f
RW
PIN[i] (i=0..31)
Status on whether PINi has met criteria set in PIN_CNFi.SENSE register.
Write '1' to clear.
NotLatched
0
Criteria has not been met
Latched
1
Criteria has been met
6.4.4.9 DETECTMODE (Retained)
Address offset: 0x024
Select between default DETECT signal behavior and LDETECT mode (For non-secure pin only)
This register is retained.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
DETECTMODE
Select between default DETECT signal behavior and LDETECT mode
Default
0
DETECT directly connected to PIN DETECT signals
LDETECT
1
Use the latched LDETECT behavior
6.4.4.10 DETECTMODE_SEC (Retained)
Address offset: 0x028
Select between default DETECT signal behavior and LDETECT mode (For secure pin only)
This register is retained.
4418_1315 v2.0
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com