Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R Datasheet(PDF) 109 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 109 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 105Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 106Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 107Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 108Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 109Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 110Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 111Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 112Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 113Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 400 page
background image
Peripherals
Task for writing to pin specified in CONFIG[n].PSEL. Action on pin is configured in CONFIG[n].POLARITY.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_OUT
Task for writing to pin specified in CONFIG[n].PSEL. Action on pin is
configured in CONFIG[n].POLARITY.
Trigger
1
Trigger task
6.5.4.2 TASKS_SET[n] (n=0..7)
Address offset: 0x030 + (n × 0x4)
Task for writing to pin specified in CONFIG[n].PSEL. Action on pin is to set it high.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_SET
Task for writing to pin specified in CONFIG[n].PSEL. Action on pin is to
set it high.
Trigger
1
Trigger task
6.5.4.3 TASKS_CLR[n] (n=0..7)
Address offset: 0x060 + (n × 0x4)
Task for writing to pin specified in CONFIG[n].PSEL. Action on pin is to set it low.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_CLR
Task for writing to pin specified in CONFIG[n].PSEL. Action on pin is to
set it low.
Trigger
1
Trigger task
6.5.4.4 SUBSCRIBE_OUT[n] (n=0..7)
Address offset: 0x080 + (n × 0x4)
Subscribe configuration for task OUT[n]
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that task OUT[n] will subscribe to
B
RW
EN
Disabled
0
Disable subscription
Enabled
1
Enable subscription
4418_1315 v2.0
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com